Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3404 Datasheet (PDF) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TCS3404 Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Part # TCS3404
Download  TCS3404 Download
File Size   347.96 Kbytes
Page   40 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description DIGITAL COLOR SENSORS

TCS3404 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCS3404 Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TCS3404
Download  TCS3404 Click to download

File Size   347.96 Kbytes
Page   40 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description DIGITAL COLOR SENSORS

TCS3404 Datasheet (HTML) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS


TCS3404 Product details

Description
The TCS3404 and TCS3414 digital color light sensors are designed to accurately derive the color chromaticity and illuminance (intensity) of ambient light and provide a digital output with 16-bits of resolution. The devices include an 8 × 2 array of filtered photodiodes, analog-to-digital converters, and control functions on a single monolithic CMOS integrated circuit. Of the 16 photodiodes, 4 have red filters, 4 have green filters, 4 have blue filters, and 4 have no filter (clear). With the advanced patent pending in-package trim capability, device-to-device and system-to-system tolerance can be minimized allowing very precise repeatability to be attained.

Features
● Programmable Interrupt Function with
   User-Defined Upper and Lower Threshold
   Settings
● Internal Filter Eliminates Signal Fluctuation
   Due to AC Lighting Flicker — No External
   Capacitor Required
● In-Package Trim Provides an Easy and
   Accurate Means to Achieve
   System-to-System Repeatability
● 16-Bit Digital Output with I2C at 400 kHz
● Programmable Analog Gain and Integration
   Time Supporting 1,000,000-to-1 Dynamic
   Range
● SYNC Input Synchronizes Integration Cycle
   to Modulated Light Sources (e.g. PWM)
● Operating Temperature Range
   −40C to 85C (CS Package)
   −30C to 70C (FN Package)
● Operating voltage of 2.7 V to 3.6 V
● Available in Both an FN and a CS Package.
   The CS Package is the Industry’s Smallest
   Digital RGB Color Sensor

Applications
● Provides Method to Derive Chromaticity
   Coordinates to Manage Display
   Backlighting (i.e. RGB LED, CCFL, etc.)
● Provides Means to Derive Color
   Temperature to White-Color Balance
   Displays Under Various Lighting
   Conditions

End Products and Market Segments
● HDTVs
● Tablets, Laptops, Monitors
● Medical Instrumentation
● Consumer Toys
● Industrial/Commercial Lighting
● Industrial Process Control




Similar Part No. - TCS3404

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3404 AMSCO-TCS3404 Datasheet
1Mb / 41P
DIGITAL COLOR SENSORS
TCS3404CS AMSCO-TCS3404CS Datasheet
1Mb / 41P
DIGITAL COLOR SENSORS
TCS3404FN AMSCO-TCS3404FN Datasheet
1Mb / 41P
DIGITAL COLOR SENSORS
TCS3404 AMSCO-TCS3404_11 Datasheet
1Mb / 41P
DIGITAL COLOR SENSORS
More results


Similar Description - TCS3404

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3404 AMSCO-TCS3404_11 Datasheet
1Mb / 41P
DIGITAL COLOR SENSORS
logo
SICK AG
CS81-N1112 SICK-CS81-N1112 Datasheet
1Mb / 7P
COLOR SENSORS
CS81-N3612 SICK-CS81-N3612 Datasheet
1Mb / 7P
COLOR SENSORS
CS81-P1112 SICK-CS81-P1112 Datasheet
1Mb / 7P
COLOR SENSORS
CS81-P3612 SICK-CS81-P3612 Datasheet
1Mb / 7P
COLOR SENSORS
CS84-N3612 SICK-CS84-N3612 Datasheet
1Mb / 7P
COLOR SENSORS
CS84-P1112 SICK-CS84-P1112 Datasheet
1Mb / 7P
COLOR SENSORS
CSM1-P1114 SICK-CSM1-P1114 Datasheet
1Mb / 7P
COLOR SENSORS
CSM-WP117A2P SICK-CSM-WP117A2P Datasheet
674Kb / 8P
COLOR SENSORS
CSM-WP11122P SICK-CSM-WP11122P Datasheet
671Kb / 8P
COLOR SENSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com