Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3340-K Datasheet (PDF) - Siemens Semiconductor Group

LP3340-K Datasheet PDF - Siemens Semiconductor Group
Part # LP3340-K
Download  LP3340-K Download
File Size   520.07 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3 mm (T1) LED, Non Diffused

LP3340-K Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3340-K Datasheet PDF - Siemens Semiconductor Group

Part # LP3340-K
Download  LP3340-K Click to download

File Size   520.07 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3 mm (T1) LED, Non Diffused

LP3340-K Datasheet (HTML) - Siemens Semiconductor Group


LP3340-K Product details

DESCRIPTION
The LS 3340 super-red series and the LY 3340 yellow are prmium high efficiency light emitting diode lamps fabricated with TSN (transparent substrate nitrogen) technoloty. The LG 3330 green series is a gallium phosphide (GaP) lamp. All have a diffused plastic lens which emits a full flooded intense light.






Similar Part No. - LP3340-K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LP3341-JM SIEMENS-LP3341-JM Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LP3341-K SIEMENS-LP3341-K Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LP3341-KN SIEMENS-LP3341-KN Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LP3341-L SIEMENS-LP3341-L Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LP3341-M SIEMENS-LP3341-M Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
More results


Similar Description - LP3340-K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
3 mm (T1) MULTILED, Non Diffused
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
Plane 3 mm (T1) LED, Non Diffused
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
Plane MULTILED 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
3 mm (T1) LED, Non Diffused
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com