Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3419 Datasheet (PDF) - Unisonic Technologies

UT3419 Datasheet PDF - Unisonic Technologies
Part # UT3419
Download  UT3419 Download
File Size   145.39 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20V, 3.5A P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR

UT3419 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT3419 Datasheet PDF - Unisonic Technologies

Part # UT3419
Download  UT3419 Click to download

File Size   145.39 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20V, 3.5A P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR

UT3419 Datasheet (HTML) - Unisonic Technologies


UT3419 Product details

DESCRIPTION
The UTC UT3419 is a P-channel enhancement MOSFET providing designers with excellent RDS(ON), low gate charge. The gate voltage is as low as 2.5V.
The UTC UT3419 can be applied in PWM applications or used as a load switch.

FEATURES
* RDS(ON) ≤ 75 mΩ @ VGS=-10V, ID=-3.5A
* RDS(ON) ≤ 95 mΩ @ VGS=-4.5V, ID=-3.0A
* RDS(ON) ≤ 145 mΩ @ VGS=-2.8V, ID=-1.0A




Similar Part No. - UT3419

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3419G-AE2-R UTC-UT3419G-AE2-R Datasheet
204Kb / 4P
ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UT3419G-AE3-R UTC-UT3419G-AE3-R Datasheet
204Kb / 4P
ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
UT3419G-AE3-R VBSEMI-UT3419G-AE3-R Datasheet
472Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Unisonic Technologies
UT3419 UTC-UT3419_15 Datasheet
204Kb / 4P
ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results


Similar Description - UT3419

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com