Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSK382 Datasheet (PDF) - Siemens Semiconductor Group

LSK382 Datasheet PDF - Siemens Semiconductor Group
Part # LSK382
Download  LSK382 Download
File Size   471.22 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused

LSK382 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSK382 Datasheet PDF - Siemens Semiconductor Group

Part # LSK382
Download  LSK382 Click to download

File Size   471.22 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused

LSK382 Datasheet (HTML) - Siemens Semiconductor Group


LSK382 Product details

Features
● colored, clear package
● plastic package with a special design
● appropriate for high ambient light because of the higher
    operating current (typ. 50 mA)
● in connection with an additional, custom built reflector
    suitable for backlighting of display panels
● uniform illumination of a diffuser screen in front of the
    custom built reflector
● solder leads with stand-off
● available taped on reel
● load dump resistant acc. to DIN 40839
● Note: If the diffuser screen is tinted, the spectral
    transmission must be adjusted to the wavelength emitted
    by the LED.
   




Similar Part No. - LSK382

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSK380-LP SIEMENS-LSK380-LP Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSK380-N SIEMENS-LSK380-N Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSK380-NR SIEMENS-LSK380-NR Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSK380-P SIEMENS-LSK380-P Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
More results


Similar Description - LSK382

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
3 mm (T1) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSGK372 SIEMENS-LSGK372 Datasheet
492Kb / 8P
Super Multi ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
3 mm (T1) LED, Non Diffused
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com