Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30N06 Datasheet (PDF) - Unisonic Technologies

UTT30N06 Datasheet PDF - Unisonic Technologies
Part # UTT30N06
Download  UTT30N06 Download
File Size   302.7 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 30A, 60V N-CHANNEL POWER MOSFET

UTT30N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT30N06 Datasheet PDF - Unisonic Technologies

Part # UTT30N06
Download  UTT30N06 Click to download

File Size   302.7 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 30A, 60V N-CHANNEL POWER MOSFET

UTT30N06 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT30N06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT30N06L-TN3-R VBSEMI-UTT30N06L-TN3-R Datasheet
898Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
More results


Similar Description - UTT30N06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NE06L STMICROELECTRONICS-STB30NE06L Datasheet
47Kb / 6P
N - CHANNEL 60V - 0.35ohm - 30A - D2PAK STripFET] POWER MOSFET
Mar-1999
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
Jul-1998
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
May-1999
logo
Unisonic Technologies
30N06 UTC-30N06_11 Datasheet
309Kb / 8P
60V, 30A N-CHANNEL POWER MOSFET
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
60V, 30A P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
logo
Shindengen Electric Mfg...
P30FE6SLK SHINDENGEN-P30FE6SLK Datasheet
1Mb / 7P
Power MOSFETs 60V, 30A, N-channel
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com