Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30P04 Datasheet (PDF) - Unisonic Technologies

UTT30P04 Datasheet PDF - Unisonic Technologies
Part # UTT30P04
Download  UTT30P04 Download
File Size   142.89 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 40A, 21V P-CHANNEL POWER MOSFET

UTT30P04 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT30P04 Datasheet PDF - Unisonic Technologies

Part # UTT30P04
Download  UTT30P04 Click to download

File Size   142.89 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 40A, 21V P-CHANNEL POWER MOSFET

UTT30P04 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT30P04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
60V, 30A P-CHANNEL POWER MOSFET
UTT30P06G-TA3-T UTC-UTT30P06G-TA3-T Datasheet
135Kb / 3P
60V, 30A P-CHANNEL POWER MOSFET
UTT30P06G-TA3-T UTC-UTT30P06G-TA3-T Datasheet
245Kb / 4P
P-CHANNEL POWER MOSFET
UTT30P06G-TM3-T UTC-UTT30P06G-TM3-T Datasheet
245Kb / 4P
P-CHANNEL POWER MOSFET
UTT30P06G-TN3-R UTC-UTT30P06G-TN3-R Datasheet
245Kb / 4P
P-CHANNEL POWER MOSFET
More results


Similar Description - UTT30P04

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT45N03 UTC-UT45N03 Datasheet
247Kb / 5P
40A, 25V N-CHANNEL POWER MOSFET
UTT40N03 UTC-UTT40N03 Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
40N15 UTC-40N15 Datasheet
151Kb / 3P
40A, 150V N-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com