Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50P04 Datasheet (PDF) - Unisonic Technologies

UTT50P04 Datasheet PDF - Unisonic Technologies
Part # UTT50P04
Download  UTT50P04 Download
File Size   145.04 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -40V, -60A P-CHANNEL POWER MOSFET

UTT50P04 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT50P04 Datasheet PDF - Unisonic Technologies

Part # UTT50P04
Download  UTT50P04 Click to download

File Size   145.04 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -40V, -60A P-CHANNEL POWER MOSFET

UTT50P04 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT50P04

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT50P04L-TN3-R VBSEMI-UTT50P04L-TN3-R Datasheet
1Mb / 9P
P-Channel 4 0 V (D-S) MOSFET
UTT50P04L-TN3-T VBSEMI-UTT50P04L-TN3-T Datasheet
1Mb / 9P
P-Channel 4 0 V (D-S) MOSFET
More results


Similar Description - UTT50P04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT40P04 UTC-UTT40P04 Datasheet
133Kb / 3P
40V, 50A P-CHANNEL POWER MOSFET
UTT65P04 UTC-UTT65P04 Datasheet
132Kb / 3P
65A, 40V P-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443_11 Datasheet
314Kb / 5P
40V P-Channel MOSFET
AO4485 AOSMD-AO4485_10 Datasheet
185Kb / 4P
40V P-Channel MOSFET
AOD413A AOSMD-AOD413A_11 Datasheet
212Kb / 6P
40V P-Channel MOSFET
logo
Unisonic Technologies
UTT20P04 UTC-UTT20P04 Datasheet
128Kb / 3P
-40V, -20A P-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P60B4SN SHINDENGEN-P60B4SN Datasheet
1Mb / 7P
Power MOSFETs 40V, 60A, N-channel
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com