Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT80N10 Datasheet (PDF) - Unisonic Technologies

UTT80N10 Datasheet PDF - Unisonic Technologies
Part # UTT80N10
Download  UTT80N10 Download
File Size   130.9 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 80A, 100V N-CHANNEL POWER MOSFET

UTT80N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT80N10 Datasheet PDF - Unisonic Technologies

Part # UTT80N10
Download  UTT80N10 Click to download

File Size   130.9 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 80A, 100V N-CHANNEL POWER MOSFET

UTT80N10 Datasheet (HTML) - Unisonic Technologies


UTT80N10 Product details

DESCRIPTION

The UTC UTT80N10 is an N-channel power MOSFET using UTC’s advanced technology to provide the customers with perfect RDS(ON), high switching speed, high current capacity and low gate charge.

The UTC UTT80N10 is suitable for DC-DC converters, Off-Line UPS, High Voltage Synchronous Rectifier, Primary Switch for 48V and 24V Systems, etc.



FEATURES

* RDS(ON)=18mΩ @ VGS=10V,ID=80A

* High Switching Speed

* High Current Capacity

* Low Gate Charge(typical 49nC)




Similar Part No. - UTT80N10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT80N10 VBSEMI-UTT80N10 Datasheet
951Kb / 7P
N-Channel 100-V (D-S) 175 째C MOSFET
More results


Similar Description - UTT80N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632 Datasheet
267Kb / 11P
N-Channel PowerTrench MOSFET 100V, 80A, 9m?
FDP3651U FAIRCHILD-FDP3651U Datasheet
388Kb / 6P
N-Channel PowerTrench MOSFET 100V, 80A, 15mOHM
logo
Unisonic Technologies
UF8010 UTC-UF8010_11 Datasheet
193Kb / 6P
80A, 100V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632_12 Datasheet
489Kb / 11P
N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
FDB3632_F085 FAIRCHILD-FDB3632_F085 Datasheet
489Kb / 11P
N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
logo
Rohm
RD3P08BBD ROHM-RD3P08BBD Datasheet
2Mb / 15P
Nch 100V 80A Power MOSFET
logo
ON Semiconductor
FDB3632-F085 ONSEMI-FDB3632-F085 Datasheet
1Mb / 12P
N-Channel PowerTrench® MOSFET 100V, 80A, 9mΩ
August-2017, Rev. 3
logo
Rohm
RX3P07BBH ROHM-RX3P07BBH Datasheet
2Mb / 13P
Nch 100V 80A Power MOSFET
20221122 - Rev.002
RD3P07BBH ROHM-RD3P07BBH Datasheet
2Mb / 13P
Nch 100V 80A Power MOSFET
20221122 - Rev.002
RJ1P04BBH ROHM-RJ1P04BBH Datasheet
3Mb / 13P
Nch 100V 80A Power MOSFET
20230518 - Rev.003
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com