Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT120P06 Datasheet (PDF) - Unisonic Technologies

UTT120P06 Datasheet PDF - Unisonic Technologies
Part # UTT120P06
Download  UTT120P06 Download
File Size   131.27 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 120A, 60V P-CHANNEL POWER MOSFET

UTT120P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT120P06 Datasheet PDF - Unisonic Technologies

Part # UTT120P06
Download  UTT120P06 Click to download

File Size   131.27 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 120A, 60V P-CHANNEL POWER MOSFET

UTT120P06 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT120P06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT120P06G-TA3-T UTC-UTT120P06G-TA3-T Datasheet
165Kb / 3P
P-CHANNEL POWER MOSFET
UTT120P06G-TQ2-R UTC-UTT120P06G-TQ2-R Datasheet
165Kb / 3P
P-CHANNEL POWER MOSFET
UTT120P06G-TQ2-T UTC-UTT120P06G-TQ2-T Datasheet
165Kb / 3P
P-CHANNEL POWER MOSFET
UTT120P06L-TA3-T UTC-UTT120P06L-TA3-T Datasheet
165Kb / 3P
P-CHANNEL POWER MOSFET
UTT120P06L-TQ2-R UTC-UTT120P06L-TQ2-R Datasheet
165Kb / 3P
P-CHANNEL POWER MOSFET
More results


Similar Description - UTT120P06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7P06 TSC-TSM7P06 Datasheet
344Kb / 5P
60V P-Channel Power MOSFET
TSM480P06 TSC-TSM480P06 Datasheet
891Kb / 9P
60V P-Channel Power MOSFET
TSM2309 TSC-TSM2309 Datasheet
327Kb / 5P
60V P-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
logo
Taiwan Semiconductor Co...
TSM7P06CP TSC-TSM7P06CP Datasheet
344Kb / 5P
60V P-Channel Power MOSFET
logo
Rohm
RJ1L12BGN ROHM-RJ1L12BGN Datasheet
2Mb / 15P
Nch 60V 120A Power MOSFET
RJ1L12CGN ROHM-RJ1L12CGN Datasheet
2Mb / 15P
Nch 60V 120A Power MOSFET
RJ1L12DGN ROHM-RJ1L12DGN Datasheet
2Mb / 15P
Nch 60V 120A Power MOSFET
logo
TECH PUBLIC Electronics...
FDN5618P TECHPUBLIC-FDN5618P Datasheet
3Mb / 5P
60V P-Channel Power MOSFET
LP2309LT1G TECHPUBLIC-LP2309LT1G Datasheet
2Mb / 5P
60V P-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com