Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZD1.8 Datasheet (PDF) - Unisonic Technologies

ZD1.8 Datasheet PDF - Unisonic Technologies
Part # ZD1.8
Download  ZD1.8 Download
File Size   188.75 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ZD1.8 THRU ZD36 ZENER DIODES

ZD1.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZD1.8 Datasheet PDF - Unisonic Technologies

Part # ZD1.8
Download  ZD1.8 Click to download

File Size   188.75 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ZD1.8 THRU ZD36 ZENER DIODES

ZD1.8 Datasheet (HTML) - Unisonic Technologies


ZD1.8 Product details

FEATURES
* Compact, 2-pin (SOD-323&SOD-123) and 3-pin(SOT-23)
   mini-mold types for high-density mounting.
* High demand voltage range (1.8V~36V) is manufactured on
   high-efficient non-wire bonding production line.




Similar Part No. - ZD1.8

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ZD10-AE3-R UTC-ZD10-AE3-R Datasheet
117Kb / 3P
ZENER DIODE
ZD10-CL2-R UTC-ZD10-CL2-R Datasheet
117Kb / 3P
ZENER DIODE
logo
Teledyne Technologies I...
ZD1000 TELEDYNE-ZD1000 Datasheet
3Mb / 16P
High Definition Oscilloscopes
logo
American Accurate Compo...
ZD100120 AAC-ZD100120 Datasheet
53Kb / 1P
Broadband Voltage Controlled Oscillators 4 to 18GHz
ZD100120 AAC-ZD100120 Datasheet
85Kb / 1P
Broadband Voltage Controlled Oscillators 2 to 18GHz
More results


Similar Description - ZD1.8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
logo
RFE international
1N746A RFE-1N746A Datasheet
72Kb / 1P
LEADED (THRU-HOLE) Zener Diodes
1N4728A RFE-1N4728A Datasheet
63Kb / 1P
LEADED (THRU-HOLE) Zener Diodes
logo
Central Semiconductor C...
CTLZ6V8 CENTRAL-CTLZ6V8 Datasheet
1Mb / 2P
100mW, 3.9V thru 8.2V, Zener Diodes in miniature TLM2D3D6 package
logo
Kingtronics Internation...
ZMM1-ZMM75 KINGTRONICS-ZMM1-ZMM75 Datasheet
499Kb / 8P
ZMM1 THRU ZMM75 Silicon Epitaxial Planar Zener Diodes
logo
Thinki Semiconductor Co...
1SMA4728 THINKISEMI-1SMA4728 Datasheet
648Kb / 5P
1.0 Watt Surface Mount Type Silicon Zener Diodes (3.3Volt thru 100Volt)
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com