Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7556 Datasheet (PDF) - Clare, Inc.

CPC7556 Datasheet PDF - Clare, Inc.
Part # CPC7556
Download  CPC7556 Download
File Size   501.43 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Diode Bridge with Integrated Adjustable OVP Circuit

CPC7556 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC7556 Datasheet PDF - Clare, Inc.

Part # CPC7556
Download  CPC7556 Click to download

File Size   501.43 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Diode Bridge with Integrated Adjustable OVP Circuit

CPC7556 Datasheet (HTML) - Clare, Inc.


CPC7556 Product details

Description
100V Diode Bridge with an integrated Over-Voltage Protection (OVP) thyristor uses Clares High Voltage SOI technology.
The CPC7556N integrated diode bridge offers protection from high voltage transients by means of an adjustable voltage clamp. The clamp performs two actions, first to limit the voltage across the diode bridge rectified outputs to a value determined by external resistors and the gate voltage and second to fully discharge the V+to V outputs when the Gate’s trigger threshold is exceeded during the voltage limiting function. The rectified outputs are discharged as a result of the voltage fold-back function of the OVP device. Voltage fold back of the OVP circuit will continue until the current through the protector falls below the hold current threshold.
Terminating the gate to V_ will disable the clamp voltage feature up to the thyristor’s off state voltage. 

Features
• Monolithic Construction
• Surface Mount Package

Applications
• Telecommunications Protection Clamp
• High Voltage Multiplexer/Switch
• High Voltage ESD Clamp




Similar Part No. - CPC7556

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7556 IXYS-CPC7556 Datasheet
162Kb / 6P
Monolithic Construction
CPC7556N IXYS-CPC7556N Datasheet
162Kb / 6P
Monolithic Construction
CPC7556NTR IXYS-CPC7556NTR Datasheet
162Kb / 6P
Monolithic Construction
More results


Similar Description - CPC7556

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE907 NTE-NTE907 Datasheet
27Kb / 3P
Integrated Circuit Diode Array
NTE999 NTE-NTE999 Datasheet
22Kb / 2P
Integrated Circuit Adjustable Precision Shunt Regulator
NTE7196 NTE-NTE7196 Datasheet
56Kb / 3P
Integrated Circuit H-Bridge with Motor Control
logo
ON Semiconductor
NIS1050 ONSEMI-NIS1050 Datasheet
119Kb / 5P
Protection Interface Circuit for PMICs with Integrated OVP Control
July, 2009 ??Rev. 0
logo
Diodes Incorporated
AP9050 DIODES-AP9050 Datasheet
168Kb / 9P
PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
Rev 1
logo
SHANGHAI BELLING CO., L...
BL8596 BELLING-BL8596 Datasheet
578Kb / 4P
LDO mode OVP with Integrated P-MOSFET
logo
Richtek Technology Corp...
DS9746 RICHTEK-DS9746 Datasheet
186Kb / 10P
VBUS OVP with a PTVS Diode
RT9746 RICHTEK-RT9746 Datasheet
186Kb / 10P
VBUS OVP with a PTVS Diode
logo
ON Semiconductor
FPF2498 ONSEMI-FPF2498 Datasheet
583Kb / 10P
Adjustable OVP Input OVT Load Switch
February 2015 Rev. 1.11
logo
Maxim Integrated Produc...
MAX20342 MAXIM-MAX20342 Datasheet
1Mb / 91P
USB Type-C Charger Detector with Integrated OVP
Rev 1; 11/20
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com