Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP58A-G Datasheet (PDF) - Comchip Technology

5KP58A-G Datasheet PDF - Comchip Technology
Part # 5KP58A-G
Download  5KP58A-G Download
File Size   100.94 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 5000W Transient Voltage Suppressor

5KP58A-G Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP58A-G Datasheet PDF - Comchip Technology

Part # 5KP58A-G
Download  5KP58A-G Click to download

File Size   100.94 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 5000W Transient Voltage Suppressor

5KP58A-G Datasheet (HTML) - Comchip Technology




Similar Part No. - 5KP58A-G

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
5KP58A-AT YAGEO-5KP58A-AT Datasheet
423Kb / 8P
Transient Voltage Suppressors (TVS)
Jun. 30, 2023 V.3
logo
Littelfuse
5KP58A-B LITTELFUSE-5KP58A-B Datasheet
143Kb / 5P
Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
5KP58A-C SECOS-5KP58A-C Datasheet
357Kb / 4P
5000W Peak Power TVS
logo
Comchip Technology
5KP58A-HF COMCHIP-5KP58A-HF Datasheet
104Kb / 5P
5000W Transient Voltage Suppressor
logo
Littelfuse
5KP58A-HR LITTELFUSE-5KP58A-HR Datasheet
1Mb / 7P
The 5KP-HR High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results


Similar Description - 5KP58A-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
5000W TRANSIENT VOLTAGE SUPPRESSOR
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
5000W Transient Voltage Suppressor
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
5000W Transient Voltage Suppressor
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com