Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2245 Datasheet (PDF) - Siemens Semiconductor Group

PEB2245 Datasheet PDF - Siemens Semiconductor Group
Part # PEB2245
Download  PEB2245 Download
File Size   1021.59 Kbytes
Page   70 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Multipoint Switching and Conferencing Unit - Attenuation MUSAC

PEB2245 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEB2245 Datasheet PDF - Siemens Semiconductor Group

Part # PEB2245
Download  PEB2245 Click to download

File Size   1021.59 Kbytes
Page   70 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Multipoint Switching and Conferencing Unit - Attenuation MUSAC

PEB2245 Datasheet (HTML) - Siemens Semiconductor Group


PEB2245 Product details

Device Overview
The Multipoint Switching and Conferencing Unit (MUSAC) combines a time switch unit (MTSC) and a powerful signal processor on one chip. The MUSAC enhances the capabilities of a PBX by supporting teleconferencing and multipoint data communication over voiceband channels. Digital signal processing techniques are used to implement the conferencing algorithms. Up to 64 channels of the 512 incoming PCM channels may be manipulated by the signal processor and output to any of 256 outgoing PCM channels. All functions are programmed and controlled via an 8-bit standard µP interface (Motorola or Intel type).

Features
Switching
● Time/space switch for 2048-, 4096- or 8192-kbit/s PCM systems
● Switching of up to 512 incoming PCM-channels to up to 256 outgoing PCM channels
● 16 input and 8 output PCM lines
● Different kinds of modes (2048, 4096, 8192 kbit/s or mixed mode)
● Configurable for primary access and standard applications
● Programmable clock shift with half clock step resolution for input and output in primary access configuration
● Configurable for a 4096- and 8192-kHz device clock
● Tristate function for further expansion and tandem operation
● Tristate control signals for external drivers in primary access configuration
● 2048-kHz clock output in primary access configuration
● Space switch mode

Multipoint Switching
● Multiple independent LAN’s within one PBX
● Multiplexing of up to 64 channels
● 64-kbit/s channels

Conference Mode
● Up to 64 conference channels in any combination
● Up to 21 independent conferences simultaneously (3 subscribers)
● Programmable attenuation (0/3/6/9 dB) on each input channel
● Programmable attenuation (0/3 dB) on each output channel
● Programmable PCM-level adaption (attenuation or amplification) of up to 64 channels
● Programmable noise suppression (four thresholds)
● Conference overflow handling
● Tone insertion capability
● A-law / µ-law compatible
● Compatible with all kinds of PCM-byte formats

General
● 8-bit Motorola or Intel type µP interface
● Single + 5-V power supply
● Advanced low power CMOS technology
● TTL-compatible inputs/outputs




Similar Part No. - PEB2245

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2245-N SIEMENS-PEB2245-N Datasheet
65Kb / 2P
multipoint switching and conferencing unit (musac)
More results


Similar Description - PEB2245

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2245-N SIEMENS-PEB2245-N Datasheet
65Kb / 2P
multipoint switching and conferencing unit (musac)
PEB2445 SIEMENS-PEB2445 Datasheet
1Mb / 70P
Multipoint Switching and Conferencing Unit - Attenuation MUSAC-A
logo
Texas Instruments
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
Zarlink Semiconductor I...
ZN1066 ZARLINK-ZN1066 Datasheet
383Kb / 4P
SWITCHING REGULATOR CONTROL AND DRIVE UNIT
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
Multipoint-LVDS Line Driver and Receiver
DS1487 TI1-DS1487_11 Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
SN65MLVD200 TI1-SN65MLVD200_15 Datasheet
1Mb / 31P
MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com