Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL60H09-000 Datasheet (PDF) - Wabash Transformer Inc.

CL60H09-000 Datasheet PDF - Wabash Transformer Inc.
Part # CL60H09-000
Download  CL60H09-000 Download
File Size   862.78 Kbytes
Page   2 Pages
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.
Description Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited

CL60H09-000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL60H09-000 Datasheet PDF - Wabash Transformer Inc.

Part # CL60H09-000
Download  CL60H09-000 Click to download

File Size   862.78 Kbytes
Page   2 Pages
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.
Description Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited

CL60H09-000 Datasheet (HTML) - Wabash Transformer Inc.




Similar Part No. - CL60H09-000

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL6 SUTEX-CL6 Datasheet
549Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
Vaisala
CL61 VAISALA-CL61 Datasheet
138Kb / 2P
Lidar Ceilometer CL61 with depolarization measurement
logo
Lumins Inc.
CL613 LUMINIS-CL613 Datasheet
196Kb / 2P
Heavy cast aluminum top cover with integral LED heat dissipating pad
CL620 LUMINIS-CL620 Datasheet
280Kb / 3P
LED array
logo
Pro-Signal
CL62003X PROSIGNAL-CL62003X Datasheet
29Kb / 1P
IEEE1394 Firewire DV Leads
More results


Similar Description - CL60H09-000

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL40V00-000 WABASH-CL40V00-000 Datasheet
773Kb / 2P
Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
logo
TRIAD MAGNETICS
F20-300-C2 TRIAD-F20-300-C2 Datasheet
50Kb / 1P
CLASS 2/3 TRANSFORMER
logo
Bel Fuse Inc.
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
Inherently or Non-Inherently Limited
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com