Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB2306R Datasheet (PDF) - Siemens Semiconductor Group

PMB2306R Datasheet PDF - Siemens Semiconductor Group
Part # PMB2306R
Download  PMB2306R Download
File Size   760.48 Kbytes
Page   35 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2

PMB2306R Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB2306R Datasheet PDF - Siemens Semiconductor Group

Part # PMB2306R
Download  PMB2306R Click to download

File Size   760.48 Kbytes
Page   35 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2

PMB2306R Datasheet (HTML) - Siemens Semiconductor Group


PMB2306R Product details

General Description
The circuit consists of a reference-, a- and n-counter, a dual modulus control logic, a phase detector with charge pump output and a serial control logic. The setting of the operating mode and the selection of the counter ratios is done serially at the ports CLK, DA and EN.
The operating modes allow the selection of single or dual operation, asynchronous or synchronous data acquisition, 4 different antibacklash-impulse times, 8 different PDoutput current modes, polarity setting of the PD-output signal, adjustment of the triggeredge of the MOD-output signal, 2 standby modes and the control of the multifunction outputs MFO1 and MFO2.
The reference frequency is applied at the RI-input and scaled down by the r-counter. It’s maximum value is 100 MHz. The VCO-frequency is applied at the FI-input and scaled down by the n- or n/a-counter according to single or dual mode operation. The maximum value at FI is 220 MHz at single-, and 65 MHz at dual mode operation.

Features
• Low operating current consumption (typically 3.5 mA)
• High input sensitivity, high input frequencies (220 MHz)
• Extremely fast phase detector without dead zone
• Linearization of the phase detector output by current sources
• Synchronous programming of the counters (n-, n/a-, r-counters) and system parameters
• Fast modulus switchover for 65-MHz operation
• Switchable modulus trigger edge
• Large dividing ratios for small channel spacing
   A scaler 0 to 127
   N scaler 3 to 16.380
   R scaler 3 to 65.535
• Serial control (3-wire bus: data, clock, enable) for fast programming (Imax ~ 10 MHz)
• Switchable polarity and phase detector current programmable
• 2 Multifunction outputs
• Digital phase detector output signals (e.g. for external charge pump)
• Irn, Ivn outputs of the R and N scalers
• Port 1 output (e.g. for standby of the prescaler)
• External current setting for PD output
• Lock detect output with gated anti-backlash pulse (quasi digital lock detect)




Similar Part No. - PMB2306R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2304 INFINEON-PMB2304 Datasheet
1Mb / 33P
PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Siemens Semiconductor G...
PMB2307 SIEMENS-PMB2307 Datasheet
673Kb / 3P
GSM Receiver PCN/PCS Receiver
More results


Similar Description - PMB2306R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
PLL Frequency Synthesizer
REV. A
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
PLL Frequency Synthesizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com