Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB2132 Datasheet (PDF) - Siemens Semiconductor Group

PSB2132 Datasheet PDF - Siemens Semiconductor Group
Part # PSB2132
Download  PSB2132 Download
File Size   2633.16 Kbytes
Page   95 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Two Channel Codec Filter for Terminal Applications SICOFI2-TE

PSB2132 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB2132 Datasheet PDF - Siemens Semiconductor Group

Part # PSB2132
Download  PSB2132 Click to download

File Size   2633.16 Kbytes
Page   95 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Two Channel Codec Filter for Terminal Applications SICOFI2-TE

PSB2132 Datasheet (HTML) - Siemens Semiconductor Group


PSB2132 Product details

Two Channel Codec Filter for Terminal Applications SICOFI®2-TE
Four Channel Codec Filter for Terminal Applications SICOFI®4-TE

Overview
The Signal Processing Codec Filter for terminal applications PSB 2132/4 SICOFI2/4-TE is a special derivative of the SIEMENS programmable codec-filter-IC family designed for terminal applications featuring two or four POTS interfaces.
It can be directly connected to the IOM-2 interface in terminal mode running at 1.536 MHz clock rate. PCM data is transfered using the bit clock signal at 768 kHz.
Programming of internal registers is done via the serial microcontroller interface.

Features
• Single chip programmable CODEC and FILTER to
   handle two or four POTS interfaces
• IOM-2 compatible interface (1.536 MHz DCL, 768
   kHz Bit clock)
• Internal communication between POTS interfaces
• Programmable I/O lines for signaling information per
   channel
• Programmable ring generator output
• Two programmable tone generators per channel
• Serial microcontroller interface
• Digital signal processing technique
• High analog driving capability (300 Ω) for direct
   driving of transformers
• Programmable digital filters to adapt the transmission behaviour especially for
   – AC impedance matching
   – transhybrid balancing
   – frequency response
   – gain
   – A/µ-law conversion
• Single 5 V power supply
• Low power 0.9 µm analog CMOS technology
• Advanced test capabilities
• P-MQFP-64 package




Similar Part No. - PSB2132

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PSB2132 INFINEON-PSB2132 Datasheet
1Mb / 69P
Two Channel Codec Filter for Terminal Application
2001-02-20 DS 1
More results


Similar Description - PSB2132

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2520 PHILIPS-SAA2520 Datasheet
151Kb / 36P
Stereo filter and codec for MPEG layer 1 audio applications
August 1993
logo
Siemens Semiconductor G...
PEB2465 SIEMENS-PEB2465 Datasheet
1Mb / 88P
Four Channel Codec Filter
PSB21911 SIEMENS-PSB21911 Datasheet
1Mb / 164P
ISDN Echocancellation Circuit for Terminal Applications IEC-Q TE
logo
Winbond
W681513 WINBOND-W681513 Datasheet
382Kb / 33P
5V SINGLE-CHANNEL VOICEBAND CODEC FOR USB APPLICATIONS
logo
Siemens Semiconductor G...
PEB2265 SIEMENS-PEB2265 Datasheet
876Kb / 77P
Two Channel Codec Filter with IOM짰-2 Interface (IOM짰-2 - SICOFI짰-2)
logo
Winbond
W681513 WINBOND-W681513_05 Datasheet
353Kb / 35P
5V SINGLE-CHANNEL VOICEBAND CODEC FOR USB APPLICATIONS
logo
Texas Instruments
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
8-Channel Low-Power Audio Codec for Portable Applications
logo
Infineon Technologies A...
PSB2132 INFINEON-PSB2132 Datasheet
1Mb / 69P
Two Channel Codec Filter for Terminal Application
2001-02-20 DS 1
logo
Realtek Semiconductor C...
ALC5651 REALTEK-ALC5651 Datasheet
1Mb / 134P
Ultra-Low Power Two-Channel Audio CODEC
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
TWO-CHANNEL AC??7 2.3 AUDIO CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com