Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC04 Datasheet (PDF) - Unisonic Technologies

U74AC04 Datasheet PDF - Unisonic Technologies
Part # U74AC04
Download  U74AC04 Download
File Size   162.4 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HEX INVERTERS

U74AC04 Datasheet (PDF)

Go To PDF Page Download Datasheet
U74AC04 Datasheet PDF - Unisonic Technologies

Part # U74AC04
Download  U74AC04 Click to download

File Size   162.4 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HEX INVERTERS

U74AC04 Datasheet (HTML) - Unisonic Technologies


U74AC04 Product details

DESCRIPTION
The U74AC04 contains six independent inverters and performs the Boolean function Y= A in positive logic circuit.

FEATURES
* Operation Voltage Range: VCC =2V to 6V
* High Speed: tPD=4ns(TYP.) at VCC =5V
* Low Input Current: IIN=0.1μA(Max.) at TA =25°C
* Low Power Dissipation: ICC=2μA(Max.) at TA =25°C




Similar Part No. - U74AC04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC04AL-S14-R UTC-U74AC04AL-S14-R Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
U74AC04AL-S14-T UTC-U74AC04AL-S14-T Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
U74AC04G-P14-R UTC-U74AC04G-P14-R Datasheet
204Kb / 5P
HEX INVERTERS
U74AC04G-S14-R UTC-U74AC04G-S14-R Datasheet
204Kb / 5P
HEX INVERTERS
U74AC04 UTC-U74AC04_15 Datasheet
204Kb / 5P
HEX INVERTERS
More results


Similar Description - U74AC04

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com