Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC240 Datasheet (PDF) - Unisonic Technologies

U74AC240 Datasheet PDF - Unisonic Technologies
Part # U74AC240
Download  U74AC240 Download
File Size   169.3 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS

U74AC240 Datasheet (PDF)

Go To PDF Page Download Datasheet
U74AC240 Datasheet PDF - Unisonic Technologies

Part # U74AC240
Download  U74AC240 Click to download

File Size   169.3 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS

U74AC240 Datasheet (HTML) - Unisonic Technologies


U74AC240 Product details

DESCRIPTION
The U74AC240 is a octal buffers/drivers with 3-state outputs. It is organized as two 4-bit buffers/drivers with separate output-enable ( OE ) inputs. When OE is high, the Y outputs are in a high-impedance state, and the outputs neither load nor drive the bus lines. When OE is low, the device passes inverted data from the A inputs to the Y outputs.
The U74AC240 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.

FEATURES
* Wide Supply Voltage Range from 2V to 6V
* Max tPD of 6.5 ns from A to Y at 5V
* Low Power Consumption, ICC = 4μA (Max.) at 5.5V
* ±24mA Output Driver at 5.5V




Similar Part No. - U74AC240

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC240G-P20-R UTC-U74AC240G-P20-R Datasheet
169Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74AC240G-P20-T UTC-U74AC240G-P20-T Datasheet
169Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74AC240L-P20-R UTC-U74AC240L-P20-R Datasheet
169Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74AC240L-P20-T UTC-U74AC240L-P20-T Datasheet
169Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74AC240 UTC-U74AC240_15 Datasheet
169Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - U74AC240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com