Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

031-316-RFX Datasheet (PDF) - Amphenol Corporation

031-316-RFX Datasheet PDF - Amphenol Corporation
Part # 031-316-RFX
Download  031-316-RFX Download
File Size   53.04 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 50 ohm Cable Plugs

031-316-RFX Datasheet (PDF)

Go To PDF Page Download Datasheet
031-316-RFX Datasheet PDF - Amphenol Corporation

Part # 031-316-RFX
Download  031-316-RFX Click to download

File Size   53.04 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 50 ohm Cable Plugs

031-316-RFX Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 031-316-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-316 AMPHENOL-031-316 Datasheet
4Mb / 16P
BNC Connectors
More results


Similar Description - 031-316-RFX

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5697 POMONA-5697 Datasheet
38Kb / 1P
BNC Male 50 Ohm Cable
72926 POMONA-72926 Datasheet
121Kb / 1P
IEC Insulated BNC Male 50 ohm Cable
logo
Amphenol Corporation
031-5911-RFX AMPHENOL-031-5911-RFX Datasheet
95Kb / 1P
BNC 50 ohm Angle Cable Plugs
031-30220-1 AMPHENOL-031-30220-1 Datasheet
244Kb / 1P
BNC 50 ohm Bulkhead Plugs
031-70008 AMPHENOL-031-70008 Datasheet
44Kb / 1P
BNC 75 ohm Plugs
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
BNC Connectors (50 ohm/75 ohm)
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
BNC Connectors, 50 Ohm
logo
Adam Technologies, Inc.
RF1-01V-P-00-50 ADAM-TECH-RF1-01V-P-00-50 Datasheet
80Kb / 1P
BNC VERTICAL 50 OHM
RF1-31-D-XX-75 ADAM-TECH-RF1-31-D-XX-75 Datasheet
95Kb / 1P
BNC VERTICAL 50 OHM
logo
Pasternack Enterprises,...
PE37594 PASTERNACK-PE37594 Datasheet
97Kb / 1P
CABLE ASSEMBLY, PE-C240, 50 OHM BNC MALE TO 50 OHM TNC MALE
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com