Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDT6-3V3UP Datasheet (PDF) - Comchip Technology

CPDT6-3V3UP Datasheet PDF - Comchip Technology
Part # CPDT6-3V3UP
Download  CPDT6-3V3UP Download
File Size   98.2 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD ESD Protection Diode

CPDT6-3V3UP Datasheet (PDF)

Go To PDF Page Download Datasheet
CPDT6-3V3UP Datasheet PDF - Comchip Technology

Part # CPDT6-3V3UP
Download  CPDT6-3V3UP Click to download

File Size   98.2 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD ESD Protection Diode

CPDT6-3V3UP Datasheet (HTML) - Comchip Technology


CPDT6-3V3UP Product details

Features
- IEC61000-4-2 (ESD) ±15kV(Contact),±20kV(Air).
- Working voltage: 3.3V
- Low leakage current.
- Low operating and clamping voltages.

Mechanical data
- Case: SOT-23-6 standard package ,molded plastic.
- Mounting position: Any
- Weight: 0.015 gram(approx.).




Similar Part No. - CPDT6-3V3UP

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT6-24V4 COMCHIP-CPDT6-24V4 Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDT6-24V4-HF COMCHIP-CPDT6-24V4-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDT6-5V0U-HF COMCHIP-CPDT6-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
More results


Similar Description - CPDT6-3V3UP

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com