Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS215A Datasheet (PDF) - WILLAS ELECTRONIC CORP

SS215A Datasheet PDF - WILLAS ELECTRONIC CORP
Part # SS215A
Download  SS215A Download
File Size   395.95 Kbytes
Page   2 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description 2.0AMP SCHOTTKY BARRIER RECTIFIERS SMA PACKAGE

SS215A Datasheet (PDF)

Go To PDF Page Download Datasheet
SS215A Datasheet PDF - WILLAS ELECTRONIC CORP

Part # SS215A
Download  SS215A Click to download

File Size   395.95 Kbytes
Page   2 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description 2.0AMP SCHOTTKY BARRIER RECTIFIERS SMA PACKAGE

SS215A Datasheet (HTML) - WILLAS ELECTRONIC CORP


SS215A Product details

FEATURES

* Ideal for surface mounted applications

* Low leakage current

* Metallurgically bonded construction

* High reliability

* RoHS product for packing code suffix "G" Halogen free product for packing code suffix "H"



MECHANICAL DATA

* Case: Molded plastic

* Epoxy: UL 94V-O rate flame retardant

* Mounting position: Any

* Weight: 0.066 grams




Similar Part No. - SS215A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SS215A DACHANG-SS215A Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
SS215A DACHANG-SS215A Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Nanjing International G...
SS215A DGNJDZ-SS215A Datasheet
160Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A DGNJDZ-SS215A Datasheet
117Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A DGNJDZ-SS215A Datasheet
117Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SS215A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A Datasheet
298Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SM2200B SECOS-SM2200B_11 Datasheet
119Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A_07 Datasheet
1Mb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SR220 WILLAS-SR220 Datasheet
278Kb / 2P
2.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
SR220-01 WILLAS-SR220-01 Datasheet
421Kb / 2P
2.0AMP SCHOTTKY BARRIER RECTIFIERS DO-15 PACKAGE
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A_15 Datasheet
1Mb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SB220 DGNJDZ-SB220 Datasheet
68Kb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB220-DO-15 YFWDIODE-SB220-DO-15 Datasheet
297Kb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR202 LUGUANG-SR202 Datasheet
1Mb / 2P
2.0AMP. Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR220 PACELEADER-SR220 Datasheet
524Kb / 2P
2.0AMP SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com