Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB80C166W Datasheet (PDF) - Siemens Semiconductor Group

SAB80C166W Datasheet PDF - Siemens Semiconductor Group
Part # SAB80C166W
Download  SAB80C166W Download
File Size   878.78 Kbytes
Page   67 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description C16x-Family of High-Performance CMOS 16-Bit Microcontrollers

SAB80C166W Datasheet (PDF)

Go To PDF Page Download Datasheet
SAB80C166W Datasheet PDF - Siemens Semiconductor Group

Part # SAB80C166W
Download  SAB80C166W Click to download

File Size   878.78 Kbytes
Page   67 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description C16x-Family of High-Performance CMOS 16-Bit Microcontrollers

SAB80C166W Datasheet (HTML) - Siemens Semiconductor Group


SAB80C166W Product details

Introduction
The SAB 80C166W/83C166W is a representative of the Siemens SAB 80C166 family of full featured single-chip CMOS microcontrollers. It combines high CPU performance (up to 10 million instructions per second) with high peripheral functionality and enhanced IO-capabilities. These devices derive the CPU clock signal (operating clock) directly from the on-chip oscillator without using a prescaler. This reduces the device’s EME.

Preliminary
SAB 80C166W/83C166W / 83C166W 16-Bit Microcontroller

● High Performance 16-bit CPU with 4-Stage Pipeline
● 100 ns Instruction Cycle Time at 20 MHz CPU Clock
● 500 ns Multiplication (16 × 16 bits), 1 µs Division (32 / 16 bit)
● Enhanced Boolean Bit Manipulation Facilities
● Register-Based Design with Multiple Variable Register Banks
● Single-Cycle Context Switching Support
● Up to 256 KBytes Linear Address Space for Code and Data
● 1 KByte On-Chip RAM
● 32 KBytes On-Chip ROM (SAB 83C166W only)
● Programmable External Bus Characteristics for Different Address Ranges
● 8-Bit or 16-Bit External Data Bus
● Multiplexed or Demultiplexed External Address/Data Buses
● Hold and Hold-Acknowledge Bus Arbitration Support
● 512 Bytes On-Chip Special Function Register Area
● Idle and Power Down Modes
● 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event Controller (PEC)
● 16-Priority-Level Interrupt System
● 10-Channel 10-bit A/D Converter with 9.7 µs Conversion Time
● 16-Channel Capture/Compare Unit
● Two Multi-Functional General Purpose Timer Units with 5 Timers
● Two Serial Channels (USARTs)
● Programmable Watchdog Timer
● Up to 76 General Purpose I/O Lines
● Direct clock input without prescaler
● Supported by a Wealth of Development Tools like C-Compilers, Macro-Assembler Packages, Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers, Programming Boards
● On-Chip Bootstrap Loader
● 100-Pin Plastic MQFP Package (EIAJ)




Similar Part No. - SAB80C166W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C166W INFINEON-SAB80C166W Datasheet
878Kb / 67P
High-Performance CMOS 16-Bit Microcontrollers
10.94
More results


Similar Description - SAB80C166W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
logo
Infineon Technologies A...
SAB80C166W INFINEON-SAB80C166W Datasheet
878Kb / 67P
High-Performance CMOS 16-Bit Microcontrollers
10.94
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
Family of CompactRISC 16-Bit Microcontrollers
logo
Siemens Semiconductor G...
C167 SIEMENS-C167 Datasheet
2Mb / 56P
High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Microchip Technology
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
High-Performance, 16-Bit Microcontrollers
2007
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
High-Performance, 16-Bit Microcontrollers
2009
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
Family of CompactRISC 16-Bit Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com