Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5410 Datasheet (PDF) - Analog Devices

AD5410 Datasheet PDF - Analog Devices
Part # AD5410
Download  AD5410 Download
File Size   502.8 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power HART Modem

AD5410 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5410 Datasheet PDF - Analog Devices

Part # AD5410
Download  AD5410 Click to download

File Size   502.8 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power HART Modem

AD5410 Datasheet (HTML) - Analog Devices


AD5410 Product details

GENERAL DESCRIPTION
The AD5700/AD5700-1 are single-chip solutions, designed and specified to operate as a HART® FSK half-duplex modem, complying with the HART physical layer requirements. The AD5700/AD5700-1 integrateall of the necessary filtering, signal detection, modulating, demodulating and signal generation functions, thus requiring few external components. The 0.5% precision internal oscillator on the AD5700-1 greatly reduces the board space requirements, making it ideal for line-powered applications in both master and slave configurations. The maximum supply current consumption is 115µA, making the AD5700/AD5700-1 an optimal choicefor lowpower loop-powered applications. Transmit waveforms are phase continuous 1200 Hz and 2200 Hz sinusoids. The AD5700/AD5700-1 contain accurate carrier detect circuitry and use a standard UART interface.

FEATURES
   HART-compliant fully integrated FSK modem
   1200 Hz and 2200 Hz sinusoidal shift frequencies
   115 µA maximum supply current in receive mode
   Suitable for intrinsically safe applications
   Integrated receive band-pass filter
      Minimal external components required
   Clocking optimized for various system configurations
      Ultralow power crystal oscillator (60 µA maximum)
      External CMOS clock source
      Precision internal oscillator (AD5700-1only)
   Buffered HART output—extra drive capability
   8 kV HBM ESD rating
   1.71 V to 5.5 V power supply
   1.71 V to 5.5 V interface
   −40°C to +125°C operation
   4 mm × 4 mm LFCSP package
   HART physical layer compliant
   UART interface

APPLICATIONS
   Field transmitters
   HART multiplexers
   PLC and DCS analog I/O modules
   HART network connectivity




Similar Part No. - AD5410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5410 AD-AD5410 Datasheet
276Kb / 29P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410ACPZ AD-AD5410ACPZ Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5410AREZ AD-AD5410AREZ Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
More results


Similar Description - AD5410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
HART Modem
Rev 0; 10/08
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
HART Modem
Rev 1; 2/09
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
HART Modem
December, 2011 ??Rev. 5
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
HART Modem
October, 2011 ??Rev. 2
logo
Analog Devices
AD5700 AD-AD5700_13 Datasheet
564Kb / 24P
Low Power HART Modem
Rev. D
logo
ON Semiconductor
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
HART Modem
March, 2013 ??Rev. 6
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
HART Modem
March, 2016 ??Rev. 1
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
HART Modem
September, 2016 ??Rev. 9
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com