Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980 Datasheet (PDF) - Analog Devices

AD7980 Datasheet PDF - Analog Devices
Part # AD7980
Download  AD7980 Download
File Size   469.9 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit Lower Power

AD7980 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7980 Datasheet PDF - Analog Devices

Part # AD7980
Download  AD7980 Click to download

File Size   469.9 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit Lower Power

AD7980 Datasheet (HTML) - Analog Devices


AD7980 Product details

GENERAL DESCRIPTION

The AD7988-1/AD7988-5 are 16-bit, successive approximation, analog-to-digital converters (ADC) that operate from a single power supply, VDD. The AD7988-1 offers a 100 kSPS throughput, and the AD7988-5 offers a 500 kSPS throughput. They are low power, 16-bit sampling ADCs with a versatile serial interface port. On the CNV rising edge, they sample an analog input, IN+, between 0 V to VREF with respect to a ground sense, IN−. The reference voltage, REF, is applied externally and can be set independent of the supply voltage, VDD.



FEATURES

Low power dissipation

   AD7988-5: 3.5 mW @ 500 kSPS

   AD7988-1: 700 µW @ 100 kSPS

16-bit resolution with no missing codes

Throughput: 100 kSPS/500 kSPS options

INL: ±0.6 LSB typical, ±1.25 LSB maximum

SINAD: 91.5 dB @ 10 kHz

THD: −114 dB @ 10 kHz

Pseudo differential analog input range

  0 V to VREF with VREF from 2.5 V to 5.5 V

  Any input range and easy to drive with the ADA4841-1

No pipeline delay

Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V logic interface

SPI-/QSPI-/MICROWIRE™-/DSP-compatible serial interface

Daisy-chain multiple ADCs

10-lead MSOP and 10-lead, 3 mm × 3 mm LFCSP (QFN), same space as SOT-23

Wide operating temperature range: −40°C to +125°C




Similar Part No. - AD7980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7980 AD-AD7980 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7980 AD-AD7980 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7980 AD-AD7980 Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
AD7980 AD-AD7980 Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Similar Description - AD7980

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA_04 Datasheet
478Kb / 8P
Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
logo
Analog Devices
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
logo
Kersemi Electronic Co.,...
MBR1090CT KERSEMI-MBR1090CT Datasheet
1Mb / 4P
Lower power losses, high efficiency
logo
Texas Instruments
DAC8571IDGKRG4 TI1-DAC8571IDGKRG4 Datasheet
1Mb / 31P
16-BIT, LOW POWER, VOLTAGE OUTPUT
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
Ultra Low Power 16-bit Microcontroller
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
Ultra Low Power 16-bit Microcontrolle
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
Oct-2017
logo
Renesas Technology Corp
71V256SA RENESAS-71V256SA Datasheet
190Kb / 9P
Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
Jun.02.20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com