Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8671 Datasheet (PDF) - Analog Devices

AD8671 Datasheet PDF - Analog Devices
Part # AD8671
Download  AD8671 Download
File Size   804.08 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, Low Noise, Rail-to-Rail

AD8671 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8671 Datasheet PDF - Analog Devices

Part # AD8671
Download  AD8671 Click to download

File Size   804.08 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, Low Noise, Rail-to-Rail

AD8671 Datasheet (HTML) - Analog Devices


AD8671 Product details

GENERAL DESCRIPTION
The ADA4084-1 (single), ADA4084-2 (dual), and ADA4084-4 (quad) are single-supply, 10 MHz bandwidth amplifiers featuring rail-to-rail inputs and outputs. They are guaranteed to operate from +3 V to +30 V (or ±1.5 V to ±15 V).

FEATURES
    Rail-to-rail input/output
    Low power: 0.625 mA typical per amplifier at ±15 V
    Gain bandwidth product: 15.9 MHz at AV = 100 typical
    Unity-gain crossover: 9.9 MHz typical
    −3 dB closed-loop bandwidth: 13.9 MHz typical at ±15 V
    Low offset voltage: 100 µV maximum (SOIC)
    Unity-gain stable
    High slew rate: 4.6 V/µs typical
    Low noise: 3.9 nV/√Hz typical at 1 kHz
    Long-term offset voltage drift (10,000 hours): 3 µV typical
    Temperature hysteresis: 4 µV typical

APPLICATIONS
    Battery-powered instrumentation
    High-side and low-side sensing
    Power supply control and protection
    Telecommunications
    Digital-to-analog converter (DAC) output amplifiers
    Analog-to-digital converter (ADC) input buffers




Similar Part No. - AD8671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
AD8671 AD-AD8671 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8671 AD-AD8671 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8671 AD-AD8671 Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
More results


Similar Description - AD8671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
Low Noise, Precision, Rail-to-Rail Output
REV. A
logo
Texas Instruments
OPA2188 TI1-OPA2188 Datasheet
1Mb / 26P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
logo
Analog Devices
ADA4084-2 AD-ADA4084-2_13 Datasheet
800Kb / 28P
30 V, Low Noise, Rail-to-Rail I/O, Low Power Operational Amplifier
REV. C
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8605 AD-AD8605_15 Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8606 AD-AD8606_15 Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8608 AD-AD8608_15 Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
ADA4084-1 AD-ADA4084-1 Datasheet
975Kb / 35P
30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
Rev. H
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com