Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16136 Datasheet (PDF) - Analog Devices

ADIS16136 Datasheet PDF - Analog Devices
Part # ADIS16136
Download  ADIS16136 Download
File Size   446.6 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹450째/Sec Precision Angular Rate Sensor

ADIS16136 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16136 Datasheet PDF - Analog Devices

Part # ADIS16136
Download  ADIS16136 Click to download

File Size   446.6 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹450째/Sec Precision Angular Rate Sensor

ADIS16136 Datasheet (HTML) - Analog Devices


ADIS16136 Product details

GENERAL DESCRIPTION
The ADIS16136 iSensor® is a high performance, digital gyroscope sensing system that operates autonomously and requires no user configuration to produce accurate rate sensing data. It provides performance advantages with its low noise density, wide bandwidth, and excellent in-run bias stability, which enable applications such as platform control, navigation, robotics, and medical instrumentation.

FEATURES
   Digital gyroscope system, ±450°/sec measurement range
   In-run bias stability, 4°/hour
   Autonomous operation and data collection
      No external configuration commands required
      Start-up time: 180 ms; sleep mode recovery: 2.5 ms
   Factory calibrated sensitivity and bias
   Calibration temperature range: −40°C to +70°C
   SPI-compatible serial interface
   Wide bandwidth: 380 Hz
   Embedded temperature sensor
   Programmable operation and control
      Automatic and manual bias correction controls
      Digital filters: Bartlett FIR, average/decimation
      Internal sample rate: up to 2048 SPS
      Digital I/O: data ready, alarm indicator, general-purpose
      Alarms for condition monitoring
      Sleep mode for power management
      Enable external sample clock input: up to 2048 Hz
   Single-supply operation: 4.75 V to 5.25 V
   2000 g shock survivability
   Operating temperature range: −40°C to +85°C

APPLICATIONS
   Precision instrumentation
   Platform stabilization and control
   Industrial vehicle navigation
   Downhole instrumentation
   Robotics




Similar Part No. - ADIS16136

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16136AMLZ AD-ADIS16136AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results


Similar Description - ADIS16136

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
Low Noise, Angular Rate Sensor
11/06-Rev. 0 to Rev. A
logo
List of Unclassifed Man...
MLX90609 ETC2-MLX90609 Datasheet
611Kb / 22P
Angular Rate Sensor (Standard version)
logo
Melexis Microelectronic...
MLX90609 MELEXIS-MLX90609 Datasheet
540Kb / 22P
Angular Rate Sensor (Standard version)
logo
Analog Devices
ADIS16130 AD-ADIS16130 Datasheet
373Kb / 16P
Digital Output, High-Precision Angular Rate Sensor
REV. 0
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
MEMS Angular Rate Sensor
logo
Analog Devices
ADIS16135 AD-ADIS16135 Datasheet
430Kb / 20P
Precision Angular Rate Sensor
REV. 0
ADIS16133 AD-ADIS16133 Datasheet
415Kb / 20P
짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16120 AD-ADIS16120_15 Datasheet
390Kb / 12P
Low Noise, Angular Rate Sensor
REV. B
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
Precision Angular Rate Sensor
REV. D
ADIS16137 AD-ADIS16137 Datasheet
452Kb / 20P
짹1000째/Sec Precision Angular Rate Sensor
2/14-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com