Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228 Datasheet (PDF) - Analog Devices

ADIS16228 Datasheet PDF - Analog Devices
Part # ADIS16228
Download  ADIS16228 Download
File Size   747.36 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital Triaxial Vibration Sensor

ADIS16228 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16228 Datasheet PDF - Analog Devices

Part # ADIS16228
Download  ADIS16228 Click to download

File Size   747.36 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital Triaxial Vibration Sensor

ADIS16228 Datasheet (HTML) - Analog Devices


ADIS16228 Product details

GENERAL DESCRIPTION
The ADIS16228 iSensor® is a complete vibration sensing system that combines triaxial acceleration sensing with advanced time domain and frequency domain signal processing. Time domain signal processing includes a programmable decimation filter and selectable windowing function. Frequency domain processing includes a 512-point, real-valued FFT for each axis, along with FFT averaging, which reduces the noise floor variation for finer resolution. The 14-record FFT storage system offers users the ability to track changes over time and capture FFTs with multiple decimation filter settings.

FEATURES
   Frequency domain triaxial vibration sensor
   Flat frequency response up to 5 kHz
   Digital acceleration data, ±18 g measurement range
      Digital range settings: 0 g to 1 g/5 g/10 g/20 g
   Real-time sample mode: 20.48 kSPS, single-axis
   Capture sample modes: 20.48 kSPS, three axes
      Trigger modes: SPI, timer, external
      Programmable decimation filter, 11 rate settings
      Multirecord capture for selected filter settings
      Manual capture mode for time domain data collection
   FFT, 512-point, real valued, all three axes (x, y, z)
      3 windowing options: rectangular, Hanning, flat top
      Programmable FFT averaging: up to 255 averages
   Storage: 14 FFT records on all three axes (x, y, z)
   Programmable alarms, 6 spectral bands
      2-level settings for warning and fault definition
      Adjustable response delay to reduce false alarms
   Internal self-test with status flags
   Digital temperature and power supply measurements
   2 auxiliary digital I/Os
   SPI-compatible serial interface
   Identification registers: serial number, device ID, user ID
   Single-supply operation: 3.0 V to 3.6 V
   Operating temperature range: −40°C to +125°C
   15 mm × 24 mm × 15 mm aluminum package, flex connector

APPLICATIONS
     Vibration analysis
     Condition monitoring
     Machine health
     Instrumentation, diagnostics
     Safety shutoff sensing




Similar Part No. - ADIS16228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16228 AD-ADIS16228 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16228PCBZ AD-ADIS16228PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results


Similar Description - ADIS16228

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
Digital, triaxial acceleration sensor
logo
Analog Devices
ADIS16227 AD-ADIS16227_15 Datasheet
491Kb / 24P
Digital Triaxial Vibration Sensor with FFT Analysis and Storage
REV. B
logo
Bosch Sensortec GmbH
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
Digital, triaxial acceleration sensor
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
Digital, triaxial acceleration sensor
logo
Analog Devices
ADCMXL3021 AD-ADCMXL3021 Datasheet
769Kb / 50P
Wide Bandwidth, Low Noise, Triaxial Vibration Sensor
3/2019-Revision 0
ADCMXL3021 AD-ADCMXL3021_V01 Datasheet
877Kb / 50P
Wide Bandwidth, Low Noise, Triaxial Vibration Sensor
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com