Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511 Datasheet (PDF) - Analog Devices

ADL5511 Datasheet PDF - Analog Devices
Part # ADL5511
Download  ADL5511 Download
File Size   2039.36 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Envelope and TruPwr RMS Detector

ADL5511 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5511 Datasheet PDF - Analog Devices

Part # ADL5511
Download  ADL5511 Click to download

File Size   2039.36 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Envelope and TruPwr RMS Detector

ADL5511 Datasheet (HTML) - Analog Devices


ADL5511 Product details

GENERAL DESCRIPTION
The ADL5511 is an RF envelope and TruPwr™ rms detector. The envelope output voltage is presented as a voltage that is proportional to the envelope of the input signal. The rms output voltage is independent of the peak-to-average ratio of the input signal.

FEATURES
   Envelope tracking RF detector with output proportional to
      input voltage
   Separate TruPwr rms output
   No balun or external tuning required
   Excellent temperature stability
   Input power dynamic range of 47 dB
   Input frequency range from dc to 6 GHz
   130 MHz envelope bandwidth
   Envelope delay: 2 ns
   Single-supply operation: 4.75 V to 5.25 V
   Supply current: 21.5 mA
   Power-down mode: 130 μW

APPLICATIONS
   RMS power and envelope detection of W-CDMA, CDMA2000,
      LTE, and other complex waveforms
   Drain modulation based power amplifier linearization
   Power amplifier linearization employing envelope-tracking
      methods




Similar Part No. - ADL5511

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5511 AD-ADL5511 Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5511 AD-ADL5511 Datasheet
1Mb / 29P
DC to 6 GHz
Jul-2017
ADL5511 AD-ADL5511 Datasheet
5Mb / 26P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. E
ADL5511-EVALZ AD-ADL5511-EVALZ Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5511-EVALZ AD-ADL5511-EVALZ Datasheet
1Mb / 29P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. B
More results


Similar Description - ADL5511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA8044Q ETC1-CXA8044Q Datasheet
37Kb / 2P
BALANCED MODULATOR AND RF ENVELOPE DETECTOR
logo
Analog Devices
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
logo
Hittite Microwave Corpo...
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
logo
Analog Devices
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5904 AD-ADL5904 Datasheet
1Mb / 28P
RMS and envelope threshold detection
REV. 0
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. B
ADL6010S AD-ADL6010S Datasheet
1Mb / 14P
Envelope Detector
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
500 MHz BW Envelope Detector
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
RMS POWER DETECTOR & ENVELOPE TRACKER
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
RMS POWER DETECTOR ENVELOPE TRACKER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com