Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5357 Datasheet (PDF) - Analog Devices

ADL5357 Datasheet PDF - Analog Devices
Part # ADL5357
Download  ADL5357 Download
File Size   990.28 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2300 MHz to 2900 MHz Balanced Mixer

ADL5357 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5357 Datasheet PDF - Analog Devices

Part # ADL5357
Download  ADL5357 Click to download

File Size   990.28 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2300 MHz to 2900 MHz Balanced Mixer

ADL5357 Datasheet (HTML) - Analog Devices


ADL5357 Product details

GENERAL DESCRIPTION

The ADL5363uses a highly linear, doubly balanced passive mixer core along with integrated RF and local oscillator (LO) balancing circuitry to allow for single-ended operation.



FEATURES

RF frequency range of 2300 MHz to 2900 MHz

IF frequency range of dc to 450 MHz

Power conversion loss: 7.7 dB

SSB noise figure of 7.6 dB

Input IP3 of 31 dBm

Typical LO drive of 0 dBm

Single-ended, 50 Ω RF and LO input ports

High isolation SPDT LO input switch

Single-supply operation: 3.3 V to 5 V

Exposed pad, 5 mm × 5 mm 20-lead LFCSP

1500 V HBM/1250 V FICDM ESD performance



APPLICATIONS

Cellular base station receivers

Transmit observation receivers

Radio link downconverters




Similar Part No. - ADL5357

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357 AD-ADL5357 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
ADL5357 AD-ADL5357 Datasheet
438Kb / 24P
2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
ADL5357-EVALZ1 AD-ADL5357-EVALZ1 Datasheet
593Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357ACPZ-R7 AD-ADL5357ACPZ-R7 Datasheet
593Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
More results


Similar Description - ADL5357

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX190H-1225 MACOM-MA4EX190H-1225 Datasheet
120Kb / 3P
Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EXP190H-1225 MACOM-MA4EXP190H-1225 Datasheet
104Kb / 4P
Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
MA4EXP240L-1277 MACOM-MA4EXP240L-1277 Datasheet
136Kb / 6P
Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
MAMX-090240-1277MT MACOM-MAMX-090240-1277MT Datasheet
400Kb / 5P
Silicon Doubled Balanced HMIC Mixer 2300 - 2800 MHz
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EX190H-1225T MA-COM-MA4EX190H-1225T Datasheet
79Kb / 3P
Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz
MA4EX190L-1225T MA-COM-MA4EX190L-1225T Datasheet
75Kb / 2P
Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com