Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1075 Datasheet (PDF) - Analog Devices

ADM1075 Datasheet PDF - Analog Devices
Part # ADM1075
Download  ADM1075 Download
File Size   745.87 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ??8 V Hot Swap Controller and Digital

ADM1075 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1075 Datasheet PDF - Analog Devices

Part # ADM1075
Download  ADM1075 Click to download

File Size   745.87 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ??8 V Hot Swap Controller and Digital

ADM1075 Datasheet (HTML) - Analog Devices


ADM1075 Product details

GENERAL DESCRIPTION
The ADM1075 is a full feature, negative voltage, hot swap controller with constant power foldback and high accuracy digital current and voltage measurement that allows boards to be safely inserted and removed from a live −48 V backplane. The part provides precise and robust current limiting and protection against both transient and nontransient short circuits and overvoltage and undervoltage conditions. The ADM1075 typically operates from a negative voltage of −35 V to −80 V and, due to shunt regulation, has excellent voltage transient immunity. The operating range of the part is flexible due to the shunt regulator, and the part can be powered directly by a 10 V rail to save shunt power dissipation (see the Powering the ADM1075 section for more details).

FEATURES
   Constant power foldback for FET SOA protection
   Precision (<1.0%) current and voltage measurement
   Controls inrush and faults for negative supply voltages
   Suitable for wide input range due to internal shunt regulator
   25 mV/50 mV full-scale sense voltage
   Fine tune current limit to allow use of standard sense resistor
   Soft start inrush current limit profiling
   1% accurate UVH and OV pins, 1.5% accurate UVL pin
   PMBus/I2C interface for control, telemetry, and fault
      recording
   28-lead LFCSP and TSSOP
   −40°C to 105°C junction temperature (TJ) operating range

APPLICATIONS
   Telecommunication and data communication equipment
   Central office switching
   −48 V distributed power systems
   Negative power supply control
   High availability servers




Similar Part No. - ADM1075

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
3Mb / 82P
High Power Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
ADM1075 AD-ADM1075 Datasheet
2Mb / 74P
Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
More results


Similar Description - ADM1075

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
-48 V Hot Swap Controller
REV.0
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
Full-Feature ??8 V Hot Swap Controller
4/04-Revision 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
Full-Feature ??8 V Hot Swap Controller
REV. B
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
??8 V High Performance Hot Swap Controller
TPS23525 TI1-TPS23525 Datasheet
2Mb / 39P
??8-V Hot Swap and Dual OR-ing Controller
TPS23523 TI1-TPS23523 Datasheet
2Mb / 38P
??8-V Hot Swap and Single OR-ing Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com