Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH103R Datasheet (PDF) - Analog Devices

CDRH103R Datasheet PDF - Analog Devices
Part # CDRH103R
Download  CDRH103R Download
File Size   1004.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.5 V, 4 A, High Efficiency

CDRH103R Datasheet (PDF)

Go To PDF Page Download Datasheet
CDRH103R Datasheet PDF - Analog Devices

Part # CDRH103R
Download  CDRH103R Click to download

File Size   1004.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.5 V, 4 A, High Efficiency

CDRH103R Datasheet (HTML) - Analog Devices


CDRH103R Product details

GENERAL DESCRIPTION
The ADP2164 is a 4 A, synchronous, step-down, dc-to-dc regulator in a compact 4 mm × 4 mm LFCSP package. The regulator uses a current mode, constant frequency pulse-width modulation (PWM) control scheme for excellent stability and transient response.

FEATURES
    4 A continuous output current
    43 mΩ and 29 mΩ integrated FET
    ±1.5% output accuracy
    Input voltage range: 2.7 V to 6.5 V
    Output voltage: 0.6 V to VIN
    Switching frequency
        Fixed frequency: 600 kHz or 1.2 MHz
        Adjustable frequency: 500 kHz to 1.4 MHz
    Synchronizable from 500 kHz to 1.4 MHz
    Selectable synchronize phase shift: 0° or 180°
    Current mode architecture
    Precision enable input
    Power-good output
    Voltage tracking input
    Integrated soft start
    Internal compensation
    Starts up into a precharged output
    UVLO, OVP, OCP, and thermal shutdown
    Available in 16-lead, 4 mm × 4 mm LFCSP package
    Supported by ADIsimPower™ design tool

APPLICATIONS
    Point-of-load conversion
    Communications and networking equipment
    Industrial and instrumentation
    Consumer electronics




Similar Part No. - CDRH103R

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH103R SUMIDA-CDRH103R Datasheet
236Kb / 1P
POWER INDUCTORS (SMD Type)
logo
ECM Electronics Limited...
CDRH103R ECM-CDRH103R Datasheet
162Kb / 7P
Surface Mount Power Inductors
logo
Sumida Corporation
CDRH103R SUMIDA-CDRH103R Datasheet
149Kb / 2P
POWER INDUCTORS
logo
AIT Components Ltd.
CDRH103R AITCOMPONENTS-CDRH103R Datasheet
32Kb / 1P
CDRH103R SMD POWER INDUCTOR
logo
ECM Electronics Limited...
CDRH103R-100 ECM-CDRH103R-100 Datasheet
162Kb / 7P
Surface Mount Power Inductors
More results


Similar Description - CDRH103R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
0.9-V to 6.5-V, Nanopower Comparator
logo
Fairchild Semiconductor
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
N-channel MOSFET 60 V, 82 A, 6.5 m廓
logo
Texas Instruments
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
0.9-V to 6.5-V, Nanopower Comparator
logo
Kersemi Electronic Co.,...
KSM7N60NZ KERSEMI-KSM7N60NZ Datasheet
2Mb / 8P
N-Channel UniFET ll MOSFET 600 V, 6.5 A, 1.25
logo
Texas Instruments
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP8864 MPS-MP8864 Datasheet
1Mb / 29P
High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
logo
ON Semiconductor
NTTFS007P02P8 ONSEMI-NTTFS007P02P8 Datasheet
249Kb / 6P
MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 6.5 m
April, 2023 - Rev. 0
logo
Texas Instruments
LM70880-Q1 TI-LM70880-Q1 Datasheet
833Kb / 12P
LM708x0-Q1 80-V, 8-A/6-A/4-A, Automotive, High-Efficiency Buck Converters Optimized for High Power Density
SEPTEMBER 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com