Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7102 Datasheet (PDF) - Analog Devices

ADP7102 Datasheet PDF - Analog Devices
Part # ADP7102
Download  ADP7102 Download
File Size   756.56 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 300 mA, Low Noise, CMOS LDO

ADP7102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP7102 Datasheet PDF - Analog Devices

Part # ADP7102
Download  ADP7102 Click to download

File Size   756.56 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 300 mA, Low Noise, CMOS LDO

ADP7102 Datasheet (HTML) - Analog Devices


ADP7102 Product details

GENERAL DESCRIPTION
The ADP7102 is a CMOS, low dropout linear regulator that operates from 3.3 V to 20 V and provides up to 300 mA of output current. This high input voltage LDO is ideal for regulation of high performance analog and mixed signal circuits operating from 19 V to 1.22 V rails. Using an advanced proprietary architecture, it provides high power supply rejection, low noise, and achieves excellent line and load transient response with just a small 1 μF ceramic output capacitor.

FEATURES
   Input voltage range: 3.3 V to 20 V
   Maximum output current: 300 mA
   Low noise: 15 μV rms for fixed output versions
   PSRR performance of 60 dB at 10 kHz, VOUT = 3.3 V
   Reverse current protection
   Low dropout voltage: 200 mV at 300 mA load
   Initial accuracy: ±0.8%
   Accuracy over line, load, and temperature: −2%, +1%
   Low quiescent current (VIN = 5 V), IGND = 750 μA with 300 mA load
   Low shutdown current: 40 μA at VIN = 12 V
   Stable with small 1 μF ceramic output capacitor
   7 fixed output voltage options: 1.5 V, 1.8 V, 2.5 V, 3 V, 3.3 V,
      5 V, and 9 V
   Adjustable output from 1.22 V to VIN − VDO
   Foldback current limit and thermal overload protection
   User programmable precision UVLO/enable
   Power-good indicator
   8-lead LFCSP and 8-lead SOIC packages

APPLICATIONS
   Regulation to noise sensitive applications: ADC, DAC
      circuits, precision amplifiers, high frequency oscillators,
      clocks, and phase-locked loops
   Communications and infrastructure
   Medical and healthcare
   Industrial and instrumentation




Similar Part No. - ADP7102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP7104 AD-ADP7104 Datasheet
2Mb / 32P
EVAL-AD7903SDZ User Guide UG-609
REV. 0
ADP7104 AD-ADP7104 Datasheet
1Mb / 28P
Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
Rev. B
ADP7104ACPZ-1.5-R7 AD-ADP7104ACPZ-1.5-R7 Datasheet
727Kb / 28P
20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP7104ACPZ-1.8-R7 AD-ADP7104ACPZ-1.8-R7 Datasheet
727Kb / 28P
20 V, 500 mA, Low Noise, CMOS LDO
REV. B
More results


Similar Description - ADP7102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
logo
Analog Devices
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
20 V, 500 mA, Low Noise, CMOS LDO
REV. B
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Texas Instruments
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
logo
Analog Devices
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
9/2020-Rev. E to Rev. F
logo
Texas Instruments
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
LP5910 300-mA Low-Noise, Low-IQ LDO
logo
Analog Devices
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com