Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC986 Datasheet (PDF) - Hittite Microwave Corporation

HMC986 Datasheet PDF - Hittite Microwave Corporation
Part # HMC986
Download  HMC986 Download
File Size   736.79 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC REFLECTIVE

HMC986 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC986 Datasheet PDF - Hittite Microwave Corporation

Part # HMC986
Download  HMC986 Click to download

File Size   736.79 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC REFLECTIVE

HMC986 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC986

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC986A AD-HMC986A Datasheet
324Kb / 11P
0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch
7/2019-Rev. A to Rev. B
HMC986A-SX AD-HMC986A-SX Datasheet
324Kb / 11P
0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch
7/2019-Rev. A to Rev. B
More results


Similar Description - HMC986

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGS-70008 HP-MGS-70008 Datasheet
53Kb / 5P
Reflective SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
HMC547LC3 HITTITE-HMC547LC3_12 Datasheet
535Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE
HMC1084LC4 HITTITE-HMC1084LC4 Datasheet
1Mb / 6P
GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com