Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA9288X Datasheet (PDF) - Siemens Semiconductor Group

SDA9288X Datasheet PDF - Siemens Semiconductor Group
Part # SDA9288X
Download  SDA9288X Download
File Size   744.06 Kbytes
Page   46 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Single Chip PIP System

SDA9288X Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA9288X Datasheet PDF - Siemens Semiconductor Group

Part # SDA9288X
Download  SDA9288X Click to download

File Size   744.06 Kbytes
Page   46 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Single Chip PIP System

SDA9288X Datasheet (HTML) - Siemens Semiconductor Group


SDA9288X Product details

General Description
The Picture-in-Picture Processor SDA 9288X A141 generates a picture of reduced size of a video signal (inset channel) for the purpose of combining it with another video signal (parent channel). The easy implementation of the IC in an existing system needs only a few additional external components.

Features
• Single chip solution
   Clamping, AD conversion, filtering, field memory,
   RGB matrix, DA-conversion and clock generation
   integrated on one chip
• 2 picture sizes
   1/9 or 1/16 of normal size
   212 luminance and 53 chrominance pixels
      per inset line for picture size 1/9
   6-bit amplitude resolution for each incoming signal component
   Field and frame mode display
   Horizontal and vertical filtering
   Special antialias filtering for the luminance signal
• 16:9 compatibility
   Operation in 4:3 and 16:9 sets
   4:3 inset signals on 16:9 displays or v.v.
      with picture size 1/9 and 1/16, respectively
• Analog inputs
   Y, + (B-Y), + (R-Y) or Y, -(B-Y), -(R-Y)
• Analog outputs
   Y, + (B-Y), + (R-Y) or Y, – (B-Y), – (R-Y) or RGB
   3 RGB matrices: EBU, NTSC (Japan), NTSC (USA)
• Free programmable position of inset picture
   Steps of 1 pixel and 1 line
   All PIP and POP positions are possible
• Programmable framing
   4096 frame colors
   Variable frame width
• High resolution display
   13.5 MHz/27 MHz display clock frequency
• Freeze picture
• I2C Bus control
• Threefold PIP/POP facility
   Three different I2C-addresses (pin-programmable)
   Tri-State outputs
• Numerical PLL circuit for high stability clock generation
• No necessity of PAL/SECAM delay lines
   (using suitable color decoders i.e. TDA 8310)
• Multistandard applications
   625 lines/525 lines standard (inset and parent channel)
   Scan conversion systems as flickerfree display systems (parent channel)
   HDTV (parent channel)
• P-DSO-32-2 package/350 mil (SMD)
• 5 V supply voltage




Similar Part No. - SDA9288X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
ICs for Consumer Electronics
SDA9280B22 SIEMENS-SDA9280B22 Datasheet
249Kb / 43P
ICs for Consumer Electronics
More results


Similar Description - SDA9288X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1212N TOSHIBA-TB1212N Datasheet
1Mb / 33P
SINGLE CHIP NICAM SYSTEM
09-Dec-1998
TC9083N TOSHIBA-TC9083N Datasheet
954Kb / 25P
1 CHIP PIP CONTROLLER FOR MULTI COLOR SYSTEM
logo
Sanyo Semicon Device
LC74401E SANYO-LC74401E Datasheet
391Kb / 19P
PIP Controllers
LC74411N SANYO-LC74411N Datasheet
174Kb / 14P
PIP Controller
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
PIP Controller?
logo
Broadcom Corporation.
BCM2033 BOARDCOM-BCM2033 Datasheet
125Kb / 2P
SINGLE CHIP BLUETOOTH SYSTEM
logo
Panasonic Semiconductor
MN2WS0025 PANASONIC-MN2WS0025 Datasheet
739Kb / 4P
Single-Chip HDTV System LSI
logo
Integrated Device Techn...
92HD91 IDT-92HD91 Datasheet
3Mb / 298P
SINGLE CHIP PC AUDIO SYSTEM
92HD92 IDT-92HD92 Datasheet
3Mb / 306P
SINGLE CHIP PC AUDIO SYSTEM
92HD93 IDT-92HD93 Datasheet
3Mb / 302P
SINGLE CHIP PC AUDIO SYSTEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com