Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4747 Datasheet (PDF) - Maxim Integrated Products

MAX4747 Datasheet PDF - Maxim Integrated Products
Part # MAX4747_12
Download  MAX4747 Download
File Size   248.62 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP

MAX4747 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4747 Datasheet PDF - Maxim Integrated Products

Part # MAX4747_12
Download  MAX4747 Click to download

File Size   248.62 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP

MAX4747 Datasheet (HTML) - Maxim Integrated Products


MAX4747 Product details

General Description
The MAX4747–MAX4750 low-voltage, quad single-pole single-throw (SPST)/dual single-pole/double-throw (SPDT) analog switches operate from a single +2V to +11V supply and handle rail-to-rail analog signals. These switches exhibit low leakage current (0.1nA) and consume less than 0.5nW (typ) of quiescent power, making them ideal for battery-powered applications.
When powered from a +3V supply, these switches feature 50Ω (max) on-resistance (RON), with 3.5Ω (max) matching between channels and 9Ω (max) flatness over the specified signal range.
The MAX4747 has four normally open (NO) switches, the MAX4748 has four normally closed (NC) switches, and the MAX4749 has two NO and two NC switches. The MAX4750 has two SPDT switches. These switches are available in 14-pin TSSOP, 16-pin TQFN (4mm x 4mm), and 16-bump WLP packages. This tiny chip-scale package occupies a 2mm ✕ 2mm area and significantly reduces the required PC board area.

Features
♦ 2mm ✕ 2mm WLP
♦ Guaranteed On-Resistance (RON)
   25Ω (max) at +5V
   50Ω (max) at +3V
♦ On-Resistance Matching
   3Ω (max) at +5V
   3.5Ω (max) at +3V
♦ Guaranteed < 0.1nA Leakage Current at TA = +25°C
♦ Single-Supply Operation from +2.0V to +11V
♦ TTL/CMOS-Logic Compatible
♦ -84dB Crosstalk (1MHz)
♦ -72dB Off-Isolation (1MHz)
♦ Low Power Consumption: 0.5nW (typ)
♦ Rail-to-Rail Signal Handling

Applications
   Battery-Powered Systems
   Audio/Video-Signal Routing
   Low-Voltage Data-Acquisition Systems
   Cell Phones
   Communications Circuits
   Glucose Meters
   PDAs




Similar Part No. - MAX4747_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747EBE-T MAXIM-MAX4747EBE-T Datasheet
342Kb / 15P
50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747EBE-T MAXIM-MAX4747EBE-T Datasheet
468Kb / 15P
50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747ETE MAXIM-MAX4747ETE Datasheet
342Kb / 15P
50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747ETE MAXIM-MAX4747ETE Datasheet
468Kb / 15P
50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747EUD MAXIM-MAX4747EUD Datasheet
342Kb / 15P
50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
More results


Similar Description - MAX4747_12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
June 2003
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
November 17, 2004
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
April 2003
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com