Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP560BP5 Datasheet (PDF) - Diodes Incorporated

DXTP560BP5 Datasheet PDF - Diodes Incorporated
Part # DXTP560BP5
Download  DXTP560BP5 Download
File Size   169.86 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR

DXTP560BP5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXTP560BP5 Datasheet PDF - Diodes Incorporated

Part # DXTP560BP5
Download  DXTP560BP5 Click to download

File Size   169.86 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR

DXTP560BP5 Datasheet (HTML) - Diodes Incorporated


DXTP560BP5 Product details

Features and Benefits
• BVCEO > -500V
• IC = -150mA Continuous Collector Current
• 47% smaller than SOT223; 60% smaller than TO252 (D-PAK)
• Profile height just 1.1mm for thin application
• RθJA efficient giving high PD rating up to 2.8W
• “Lead Free”, RoHS Compliant (Note 1)
• Halogen and Antimony Free, "Green" Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Gate driver
• Startup switch in offline lighting
• Motor Control




Similar Part No. - DXTP560BP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP560BP5 DIODES-DXTP560BP5_15 Datasheet
169Kb / 7P
500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR POWERDI짰5
Rev 1
More results


Similar Description - DXTP560BP5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596 Datasheet
21Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT560 ZETEX-FMMT560 Datasheet
42Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT593 ZETEX-FMMT593 Datasheet
124Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT6520 ZETEX-FMMT6520 Datasheet
49Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT757 ZETEX-FZT757 Datasheet
90Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA92 ZETEX-FZTA92 Datasheet
23Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
SXTA92 ZETEX-SXTA92 Datasheet
20Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
DXTP560BP5 DIODES-DXTP560BP5_15 Datasheet
169Kb / 7P
500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR POWERDI짰5
Rev 1
FMMT560 DIODES-FMMT560_16 Datasheet
833Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com