Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH481 Datasheet (PDF) - Siemens Semiconductor Group

SFH481 Datasheet PDF - Siemens Semiconductor Group
Part # SFH481
Download  SFH481 Download
File Size   66.57 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm

SFH481 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH481 Datasheet PDF - Siemens Semiconductor Group

Part # SFH481
Download  SFH481 Click to download

File Size   66.57 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm

SFH481 Datasheet (HTML) - Siemens Semiconductor Group


SFH481 Product details

GaAlAs INFRARED EMITTER




Similar Part No. - SFH481

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH481 OSRAM-SFH481 Datasheet
103Kb / 9P
GaAlAs-Lumineszenzdioden
SFH481-1/2 OSRAM-SFH481-1/2 Datasheet
103Kb / 9P
GaAlAs-Lumineszenzdioden
SFH481-2/3 OSRAM-SFH481-2/3 Datasheet
103Kb / 9P
GaAlAs-Lumineszenzdioden
SFH4811 OSRAM-SFH4811 Datasheet
62Kb / 2P
IR-Lumineszenzdiode (950 nm) im TO-46-Geh짰se Infrared Emitter (950 nm) in TO-46 Package Lead (Pb) Free Product - RoHS Compliant
SFH4813 OSRAM-SFH4813 Datasheet
62Kb / 2P
IR-Lumineszenzdiode (950 nm) im TO-46-Geh짰se Infrared Emitter (950 nm) in TO-46 Package Lead (Pb) Free Product - RoHS Compliant
More results


Similar Description - SFH481

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
logo
List of Unclassifed Man...
PDI-G103 ETC2-PDI-G103 Datasheet
45Kb / 1P
GaAlAs (880 nm peak) Photodiode
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
GaAlAs-IR-Lumineszenzdioden (880 nm)
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH485P OSRAM-SFH485P Datasheet
187Kb / 13P
GaAlAs Infrared Emitter (880 nm)
SFH487 OSRAM-SFH487 Datasheet
191Kb / 13P
GaAlAs Infrared Emitter (880 nm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com