Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10T06AB Datasheet (PDF) - Nell Semiconductor Co., Ltd

10T06AB Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 10T06AB
Download  10T06AB Download
File Size   300.21 Kbytes
Page   6 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description TRIACs, 10A Snubberless and Standard

10T06AB Datasheet (PDF)

Go To PDF Page Download Datasheet
10T06AB Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 10T06AB
Download  10T06AB Click to download

File Size   300.21 Kbytes
Page   6 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description TRIACs, 10A Snubberless and Standard

10T06AB Datasheet (HTML) - Nell Semiconductor Co., Ltd




Similar Part No. - 10T06AB

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
10T0030 NJSEMI-10T0030 Datasheet
59Kb / 1P
Schottky Rectifiers
10T0030 NJSEMI-10T0030 Datasheet
59Kb / 1P
Schottky Rectifiers
10T0030 NJSEMI-10T0030 Datasheet
59Kb / 1P
Schottky Rectifiers
More results


Similar Description - 10T06AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24_07 Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Nell Semiconductor Co.,...
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
TRIACs, 6A Snubberless, Logic Level and Standard
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
TRIACs, 8A Snubberless, Logic Level and Standard
logo
STMicroelectronics
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
25 A standard and Snubberless™ triacs
05-Jul-2007
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
25 A standard and Snubberless??triacs
05-Jul-2007
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com