Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T08AF-C Datasheet (PDF) - Nell Semiconductor Co., Ltd

8T08AF-C Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 8T08AF-C
Download  8T08AF-C Download
File Size   674.68 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description TRIACs, 8A Snubberless, Logic Level and Standard

8T08AF-C Datasheet (PDF)

Go To PDF Page Download Datasheet
8T08AF-C Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 8T08AF-C
Download  8T08AF-C Click to download

File Size   674.68 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description TRIACs, 8A Snubberless, Logic Level and Standard

8T08AF-C Datasheet (HTML) - Nell Semiconductor Co., Ltd




Similar Part No. - 8T08AF-C

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
8T0050PS-341S-XX MULTICOMP-8T0050PS-341S-XX Datasheet
225Kb / 2P
D-Sub Plug 50 Way
22/11/12 V1.0
8T0050PS-344S MULTICOMP-8T0050PS-344S Datasheet
334Kb / 1P
Socket - 50way
28/12/12 V1.0
8T0050PS-344S-XX MULTICOMP-8T0050PS-344S-XX Datasheet
334Kb / 1P
Socket - 50way
28/12/12 V1.0
8T0050PS-344S-XX MULTICOMP-8T0050PS-344S-XX Datasheet
334Kb / 1P
Socket - 50way
28/12/12 V1.0
logo
New Jersey Semi-Conduct...
8T0060 NJSEMI-8T0060 Datasheet
59Kb / 1P
Schottky Rectifiers
More results


Similar Description - 8T08AF-C

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
TRIACs, 12A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
TRIACs, 16A Snubberless, Logic Level and Standard
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
logo
Kersemi Electronic Co.,...
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com