Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55CD Datasheet (PDF) - Nell Semiconductor Co., Ltd

55CD Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 55CD
Download  55CD Download
File Size   85.2 Kbytes
Page   1 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Automotive Cell Diodes, 55A

55CD Datasheet (PDF)

Go To PDF Page Download Datasheet
55CD Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 55CD
Download  55CD Click to download

File Size   85.2 Kbytes
Page   1 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Automotive Cell Diodes, 55A

55CD Datasheet (HTML) - Nell Semiconductor Co., Ltd




Similar Part No. - 55CD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
55C MICROSEMI-55C Datasheet
178Kb / 3P
Silicon Controlled Rectifier
55C100B MICROSEMI-55C100B Datasheet
178Kb / 3P
Silicon Controlled Rectifier
55C100B MICROSEMI-55C100B Datasheet
183Kb / 3P
Silicon Controlled Rectifier
55C100BF MICROSEMI-55C100BF Datasheet
178Kb / 3P
Silicon Controlled Rectifier
55C100BF MICROSEMI-55C100BF Datasheet
183Kb / 3P
Silicon Controlled Rectifier
More results


Similar Description - 55CD

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
CN18A EIC-CN18A Datasheet
39Kb / 2P
CELL RECTIFIER DIODES
CN25A EIC-CN25A Datasheet
17Kb / 2P
CELL RECTIFIER DIODES
CN3A EIC-CN3A Datasheet
17Kb / 2P
CELL RECTIFIER DIODES
CN5A EIC-CN5A Datasheet
16Kb / 2P
CELL RECTIFIER DIODES
CN8A EIC-CN8A Datasheet
17Kb / 2P
CELL RECTIFIER DIODES
logo
Nell Semiconductor Co.,...
35CD NELLSEMI-35CD Datasheet
85Kb / 1P
Automotive Cell Diodes, 35A
70CD NELLSEMI-70CD Datasheet
85Kb / 1P
Automotive Cell Diodes, 70A
logo
Naina Semiconductor ltd...
55-NSR NAINA-55-NSR Datasheet
155Kb / 2P
Standard Recovery Diodes (Stud Version), 55A
55NS NAINA-55NS_17 Datasheet
652Kb / 2P
Standard Recovery Diodes (Stud Version), 55A
logo
EIC discrete Semiconduc...
CN25A EIC-CN25A_V01 Datasheet
188Kb / 2P
CELL RECTIFIER DIODES
Rev. 03:January 21, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com