Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40T120A Datasheet (PDF) - Nell Semiconductor Co., Ltd

M40T120A Datasheet PDF - Nell Semiconductor Co., Ltd
Part # M40T120A
Download  M40T120A Download
File Size   238.57 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description TRIACs, 40A Sunbberless

M40T120A Datasheet (PDF)

Go To PDF Page Download Datasheet
M40T120A Datasheet PDF - Nell Semiconductor Co., Ltd

Part # M40T120A
Download  M40T120A Click to download

File Size   238.57 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description TRIACs, 40A Sunbberless

M40T120A Datasheet (HTML) - Nell Semiconductor Co., Ltd




Similar Part No. - M40T120A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
M40T120A NELLSEMI-M40T120A Datasheet
787Kb / 6P
TRIACs
M40T120A-B NELLSEMI-M40T120A-B Datasheet
787Kb / 6P
TRIACs
More results


Similar Description - M40T120A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
logo
Nell Semiconductor Co.,...
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
TRIACs, 20A Sunbberless
25T06A-BW NELLSEMI-25T06A-BW Datasheet
865Kb / 6P
TRIACs, 25A Sunbberless and Standard
26T06A-BW NELLSEMI-26T06A-BW Datasheet
865Kb / 6P
TRIACs, 25A Sunbberless and Standard
41T06B-BW NELLSEMI-41T06B-BW Datasheet
497Kb / 5P
TRIACs, 40A Sunbberless
logo
Kersemi Electronic Co.,...
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
40A TRIACS
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
40A TRIACS
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
40A TRIACS
BTA41-700B KERSEMI-BTA41-700B Datasheet
1Mb / 6P
40A TRIACS
BTA41-600B KERSEMI-BTA41-600B Datasheet
1Mb / 6P
40A TRIACS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com