Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221 Datasheet (PDF) - ams AG

AS8221 Datasheet PDF - ams AG
Part # AS8221
Download  AS8221 Download
File Size   867.17 Kbytes
Page   42 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description FlexRay Standard Transceiver

AS8221 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8221 Datasheet PDF - ams AG

Part # AS8221
Download  AS8221 Click to download

File Size   867.17 Kbytes
Page   42 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description FlexRay Standard Transceiver

AS8221 Datasheet (HTML) - ams AG


AS8221 Product details

General Description

This document is subject to change without notice. The AS8221 is a high speed automotive bus driver fully conforming to the FlexRay Electrical Physical Layer Specification V2.1 Rev B. The AS8221 operates as a bi-directional interface between the FlexRay Communication Controller and the twisted-pair copper wiring.



Key Features

Compliant with FlexRay Electrical Physical Layer Specification V2.1 Rev. B

Data transfer up to 10 Mbps

Excellent EMC performance. High common mode range ensure excellent EMI

Interface for Bus Guardian or supervision circuits

Automatic thermal shutdown protection

Supports 12V and 24V systems with very low sleep current

Integrated power management system

        - Two inhibit pins for external voltage supply control

        - Local wake-up input

        - Remote wake-up capability via FlexRay bus in low-power modes

Supports 2.5V, 3V, 3.3V, 5V microcontrollers, automatic adaptation to digital interface levels

Protection against damage due to short circuit conditions on the bus (positive and negative battery voltage)

Operating temperature range -40ºC to +125ºC

Lead-free SSOP20 package



Applications

The AS8221 FlexRay Standard Transceiver is best fitting for automotive FlexRay nodes where bus wake-up and voltage regulator control for voltage supplies is needed.

The device addresses all ECUs connected to the permanent battery supply (clamp 30). The AS8221 can be used as only ECU wake-up component with very low power consumption in SLEEP mode.




Similar Part No. - AS8221

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8221 AMSCO-AS8221 Datasheet
61Kb / 2P
High Performance Bus Transceiver
AS8221 AMSCO-AS8221 Datasheet
1Mb / 4P
FlexRay Standard Transceiver
AS8221 AMSCO-AS8221 Datasheet
1Mb / 41P
FlexRay Standard Transceiver
AS8221-ASSP AMSCO-AS8221-ASSP Datasheet
1Mb / 41P
FlexRay Standard Transceiver
AS8221-ASST AMSCO-AS8221-ASST Datasheet
1Mb / 4P
FlexRay Standard Transceiver
More results


Similar Description - AS8221

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1080 PHILIPS-TJA1080 Datasheet
209Kb / 44P
FlexRay transceiver
Rev. 01-20 July 2006
logo
ELMOS Semiconductor AG
E910.54 ELMOS-E910.54 Datasheet
174Kb / 2P
FlexRay??Transceiver
logo
NXP Semiconductors
TJA1080A NXP-TJA1080A Datasheet
232Kb / 50P
FlexRay transceiver
Rev. 02-26 August 2008
MF3ICD8101 PHILIPS-MF3ICD8101 Datasheet
227Kb / 49P
FlexRay transceiver
Rev. 04-19 February 2009
logo
ams AG
AS8221 AMSCO-AS8221_1 Datasheet
1Mb / 4P
FlexRay Standard Transceiver
AS8221 AMSCO-AS8221_2 Datasheet
1Mb / 41P
FlexRay Standard Transceiver
AS8222 AMSCO-AS8222 Datasheet
1Mb / 43P
Enhanced FlexRay Standard Transceiver
logo
Infineon Technologies A...
TLE9222 INFINEON-TLE9222_15 Datasheet
1Mb / 43P
FlexRay Transceiver
Rev. 1.0, 2015-06-12
TLE9221SX INFINEON-TLE9221SX_15 Datasheet
3Mb / 99P
FlexRay Transceiver
Rev. 1.3, 2015-09-21
TLE9222 INFINEON-TLE9222_17 Datasheet
1Mb / 43P
FlexRay Transceiver
Rev. 1.2 2017-10-17
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com