Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045_V1 Datasheet (PDF) - ams AG

AS5045_V1 Datasheet PDF - ams AG
Part # AS5045_V1
Download  AS5045_V1 Download
File Size   589.38 Kbytes
Page   33 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 12 Bit Programmable Magnetic Rotary Encoder

AS5045_V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5045_V1 Datasheet PDF - ams AG

Part # AS5045_V1
Download  AS5045_V1 Click to download

File Size   589.38 Kbytes
Page   33 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 12 Bit Programmable Magnetic Rotary Encoder

AS5045_V1 Datasheet (HTML) - ams AG


AS5045_V1 Product details

General Description

The AS5045 is a contactless magnetic rotary encoder for accurate angular measurement over a full turn of 360°. It is a system-on-chip, combining integrated Hall elements, analog front end and digital signal processing in a single device.



Key Features

ƒ Contactless high resolution rotational position encoding over a full turn of 360 degrees

ƒ Two digital 12bit absolute outputs:

   - Serial interface and

   - Pulse width modulated (PWM) output

ƒ User programmable zero position

ƒ Failure detection mode for magnet placement monitoring and loss of power supply

ƒ “red-yellow-green” indicators display placement of magnet in Z-axis

ƒ Serial read-out of multiple interconnected AS5045 devices using Daisy Chain mode

ƒ Tolerant to magnet misalignment and airgap variations

ƒ Wide temperature range: - 40°C to + 125°C

ƒ Small Pb-free package: SSOP 16 (5.3mm x 6.2mm)



Applications

ƒ Industrial applications:

  - Contactless rotary position sensing

  - Robotics

ƒ Automotive applications:

  - Steering wheel position sensing

  - Transmission gearbox encoder

  - Headlight position control

  - Torque sensing

  - Valve position sensing

ƒ Replacement of high end potentiometers




Similar Part No. - AS5045_V1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
More results


Similar Description - AS5045_V1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5145 AMSCO-AS5145 Datasheet
1Mb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5055 AMSCO-AS5055 Datasheet
1,023Kb / 26P
Low Power 12-Bit Magnetic Rotary Encoder
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com