Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0610 Datasheet (PDF) - Siemens Semiconductor Group

SP0610 Datasheet PDF - Siemens Semiconductor Group
Part # SP0610
Download  SP0610 Download
File Size   362.3 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description SIPMOS Small-Signal Transistor

SP0610 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP0610 Datasheet PDF - Siemens Semiconductor Group

Part # SP0610
Download  SP0610 Click to download

File Size   362.3 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description SIPMOS Small-Signal Transistor

SP0610 Datasheet (HTML) - Siemens Semiconductor Group


SP0610 Product details

SIPMOS® Small-Signal Transistor

● VDS − 60 V

● ID − 0.18 A

● RDS(on) 10 Ω

● P channel

● Enhancement mode



 




Similar Part No. - SP0610

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SP0610 SIEMENS-SP0610 Datasheet
134Kb / 8P
SIPMOS Small-Signal Transistor
SP0610T SIEMENS-SP0610T Datasheet
134Kb / 8P
SIPMOS Small-Signal Transistor
More results


Similar Description - SP0610

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
SIPMOS Small-Signal-Transistor
2002-01-16
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-26
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
SIPMOS Small-Signal-Transistor
05.99
logo
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
SIPMOS Small-Signal Transistor
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
SIPMOS??Small-Signal-Transistor
05.99
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com