Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLCG98 Datasheet (PDF) - Siemens Semiconductor Group

SPLCG98 Datasheet PDF - Siemens Semiconductor Group
Part # SPLCG98
Download  SPLCG98 Download
File Size   91.09 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Laser Diode on Submount 1.0 W cw Class 4 Laser Product

SPLCG98 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPLCG98 Datasheet PDF - Siemens Semiconductor Group

Part # SPLCG98
Download  SPLCG98 Click to download

File Size   91.09 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Laser Diode on Submount 1.0 W cw Class 4 Laser Product

SPLCG98 Datasheet (HTML) - Siemens Semiconductor Group


SPLCG98 Product details

Features
• Efficient radiation source for cw and pulsed operation
• Reliable InGa(Al)As strained quantum-well material
• Single emitting area 200 µm × 1 µm
• Small C-type copper submount for OEM designs

Applications
• Pumping solid state lasers (Nd: YAG, Yb: YAG, …)
• Laser soldering, heating, illumination
• Printing, marking, surface processing
• Medical applications
• Testing and measurement applications




Similar Part No. - SPLCG98

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLCG98 OSRAM-SPLCG98 Datasheet
187Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
More results


Similar Description - SPLCG98

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
SPLPLXX SIEMENS-SPLPLXX Datasheet
78Kb / 4P
Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
logo
Bookham, Inc.
SES9-940-01 BOOKHAM-SES9-940-01 Datasheet
627Kb / 4P
9W 940nm High Power Single Emitter Laser Diode on Submount
logo
OSRAM GmbH
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
DUAL CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
DUAL CW LASER DIODE DRIVER
logo
OSRAM GmbH
SPL-CG65 OSRAM-SPL-CG65 Datasheet
184Kb / 7P
Red Laser Diode on Submount 0.5 W cw
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
CW Laser Diode Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com