Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL51007X Datasheet (PDF) - Siemens Semiconductor Group

STL51007X Datasheet PDF - Siemens Semiconductor Group
Part # STL51007X
Download  STL51007X Download
File Size   80.26 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1300 nm Laser in Receptacle Package, Low Power

STL51007X Datasheet (PDF)

Go To PDF Page Download Datasheet
STL51007X Datasheet PDF - Siemens Semiconductor Group

Part # STL51007X
Download  STL51007X Click to download

File Size   80.26 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1300 nm Laser in Receptacle Package, Low Power

STL51007X Datasheet (HTML) - Siemens Semiconductor Group


STL51007X Product details

1300 nm Laser in Receptacle Package, Low Power

• Designed for application in fiber-optic networks
• Laser diode with Multi-Quantum Well structure
• Suitable for bit rates up to 1 Gbit/s
• Ternary photodiode at rear mirror for monitoring and control of radiant power
• Hermetically sealed subcomponents, similar to TO 18
• SM Receptacle with 2- hole flange




Similar Part No. - STL51007X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STL51004A SIEMENS-STL51004A Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51004G SIEMENS-STL51004G Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51005A SIEMENS-STL51005A Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51005G SIEMENS-STL51005G Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
More results


Similar Description - STL51007X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STH51004X SIEMENS-STH51004X Datasheet
128Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL81004X SIEMENS-STL81004X Datasheet
129Kb / 4P
1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL81007X SIEMENS-STL81007X Datasheet
550Kb / 4P
1550 nm Laser in Receptacle Package, Low Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
logo
Agere Systems
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
January 2000
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
Rev. 1 september 2001
2417J4A AGERE-2417J4A Datasheet
127Kb / 10P
NetLight 2417J4A 1300 nm Laser Gigabit Transceiver
Rev. 1 August 2001
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
Rev. 1 August 2001
logo
Agilent(Hewlett-Packard...
HFCT-5305 HP-HFCT-5305 Datasheet
178Kb / 8P
Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com