Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4N60 Datasheet (PDF) - Advanced Monolithic Systems Ltd

AMS4N60 Datasheet PDF - Advanced Monolithic Systems Ltd
Part # AMS4N60
Download  AMS4N60 Download
File Size   499.27 Kbytes
Page   8 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 4A, 600V N-CHANNEL POWER MOSFET

AMS4N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS4N60 Datasheet PDF - Advanced Monolithic Systems Ltd

Part # AMS4N60
Download  AMS4N60 Click to download

File Size   499.27 Kbytes
Page   8 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 4A, 600V N-CHANNEL POWER MOSFET

AMS4N60 Datasheet (HTML) - Advanced Monolithic Systems Ltd


AMS4N60 Product details

DESCRIPTION
The AMS 4N60 is a high voltage power MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.

FEATURES
* RDS(ON) = 2.5Ω @VGS = 10 V
* Ultra Low Gate Charge ( typical 15 nC )
* Low Reverse Transfer CAPACITANCE ( CRSS = typical 8.0 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, high Ruggedness




Similar Part No. - AMS4N60

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AL ADMOS-AMS4040AL Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AM ADMOS-AMS4040AM Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AN ADMOS-AMS4040AN Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AS ADMOS-AMS4040AS Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Similar Description - AMS4N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
600V, 4A N-Channel MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_11 Datasheet
376Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
600V,4A N-Channel MOSFET
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
600V,4A N-Channel MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
600V, 4A, N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_14 Datasheet
408Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60K UTC-4N60K Datasheet
367Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60Z UTC-4N60Z Datasheet
359Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
600V 4A N-Channel MOSFET
Revision:20170701-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com