Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS431L Datasheet (PDF) - Advanced Monolithic Systems Ltd

AMS431L Datasheet PDF - Advanced Monolithic Systems Ltd
Part # AMS431L
Download  AMS431L Download
File Size   133.54 Kbytes
Page   7 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 1.2V SHUNT REGULATOR

AMS431L Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS431L Datasheet PDF - Advanced Monolithic Systems Ltd

Part # AMS431L
Download  AMS431L Click to download

File Size   133.54 Kbytes
Page   7 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 1.2V SHUNT REGULATOR

AMS431L Datasheet (HTML) - Advanced Monolithic Systems Ltd


AMS431L Product details

GENERAL DESCRIPTION

The AMS431L is a three-terminal adjustable shunt regulator with guaranteed temperature stability over the entire range of operation. The output voltage can be set to any value between 1.24V (VREF) and 20V by adding two external resistors. The AMS431L features 0.5% initial tolerance, low dynamic output impedance and operates over a wide current range. Due to the sharp turn-on characteristics this device is an excellent replacement for zener diodes in many applications.

AMS431 is available in TO-92, SOT-89, 3 pin SOT-23 and 5 pin SOT-23 packages.



FEATURES

• Trimmed 0.5% Tolerance

• Wide Operating Current Range 60µA to 100mA

• Low Reference Input Current 0.4µA

• Low Dynamic Output Impedance

• Low Output Noise

• Nominal Temperature Range to 85°C

• Temperature-Compensated: 60ppm/°C



APPLICATIONS

• Battery Powered Systems

• Switching Power Supplies

• Adjustable Power Supplies

• Telecommunications

• Error Amplifiers

• Notebook/Personal Computer

• Monitors/ VCR/ TV

• Pagers



 




Similar Part No. - AMS431L

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431L ADMOS-AMS431L Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
AMS431L ADMOS-AMS431L Datasheet
63Kb / 7P
1.2V SHUNT REGULATOR
AMS431LA ADMOS-AMS431LA Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
AMS431LAL ADMOS-AMS431LAL Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
AMS431LAL ADMOS-AMS431LAL Datasheet
63Kb / 7P
1.2V SHUNT REGULATOR
More results


Similar Description - AMS431L

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431L ADMOS-AMS431L Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
AMS431L ADMOS-AMS431L_05 Datasheet
63Kb / 7P
1.2V SHUNT REGULATOR
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
Shunt Regulator
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
Shunt Regulator
logo
Global Mixed-mode Techn...
G912 GMT-G912 Datasheet
38Kb / 1P
1.2V 1A Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com