Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8020 Datasheet (PDF) - Linear Technology

LTM8020 Datasheet PDF - Linear Technology
Part # LTM8020
Download  LTM8020 Download
File Size   252.37 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36VIN, 600mA Step-Down 關Module Converter

LTM8020 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8020 Datasheet PDF - Linear Technology

Part # LTM8020
Download  LTM8020 Click to download

File Size   252.37 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36VIN, 600mA Step-Down 關Module Converter

LTM8020 Datasheet (HTML) - Linear Technology




Similar Part No. - LTM8020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8020 LINER-LTM8020 Datasheet
195Kb / 16P
200mA, 36V DC/DC 關Module
LTM8020 LINER-LTM8020 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8020 LINER-LTM8020 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8020 LINER-LTM8020 Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
LTM8020 LINER-LTM8020 Datasheet
436Kb / 24P
58V, 2A Step-Down 關Module Regulator
More results


Similar Description - LTM8020

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
600mA, 1MHz Step-Down Converter
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
600mA Step-Down Converter
logo
Linear Technology
LTM8021 LINER-LTM8021 Datasheet
197Kb / 16P
36VIN, 500mA Step-Down DC/DC 關Module
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
600mA Step-Down Converter
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
600mA, 1MHz Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
600mA Step-Down Converter
logo
Linear Technology
LTM8029 LINER-LTM8029_15 Datasheet
364Kb / 22P
36VIN, 600mA Step-Down Module Converter with 5A Quiescent Current
LTM8029_1208 LINER-LTM8029_1208 Datasheet
259Kb / 20P
36VIN, 600mA Step-Down Module Converter with 5A Quiescent Current
logo
SHANGHAI BELLING CO., L...
BL9342 BELLING-BL9342 Datasheet
249Kb / 8P
40V, 600mA , Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
600mA Step-Down Converter
April 2019 - Revision 04c
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com