Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027 Datasheet (PDF) - Linear Technology

LTM8027 Datasheet PDF - Linear Technology
Part # LTM8027
Download  LTM8027 Download
File Size   357.19 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36VIN, 5A, 2-Quadrant CVCC Step-Down

LTM8027 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8027 Datasheet PDF - Linear Technology

Part # LTM8027
Download  LTM8027 Click to download

File Size   357.19 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36VIN, 5A, 2-Quadrant CVCC Step-Down

LTM8027 Datasheet (HTML) - Linear Technology




Similar Part No. - LTM8027

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8027 LINER-LTM8027 Datasheet
251Kb / 20P
60V, 4A DC/DC Module Regulator
LTM8027 LINER-LTM8027 Datasheet
245Kb / 16P
72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LTM8027 LINER-LTM8027 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8027 LINER-LTM8027 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LTM8027 LINER-LTM8027 Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
More results


Similar Description - LTM8027

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8021 LINER-LTM8021 Datasheet
197Kb / 16P
36VIN, 500mA Step-Down DC/DC 關Module
LTM8029 LINER-LTM8029 Datasheet
252Kb / 20P
36VIN, 600mA Step-Down 關Module Converter
LTM8021 LINER-LTM8021_15 Datasheet
384Kb / 18P
36VIN, 500mA Step-Down DC/DC Module
LTM8029 LINER-LTM8029_15 Datasheet
364Kb / 22P
36VIN, 600mA Step-Down Module Converter with 5A Quiescent Current
LTM8026 LINER-LTM8026_15 Datasheet
606Kb / 28P
36VIN, 5A CVCC Step-Down Module Regulator
LTM8052A LINER-LTM8052A_15 Datasheet
686Kb / 32P
36VIN, 5A, 2-Quadrant CVCC Step-Down Module Regulator
LTM8026_1208 LINER-LTM8026_1208 Datasheet
334Kb / 26P
36VIN, 5A CVCC Step-Down Module Regulator
LTM8029_1208 LINER-LTM8029_1208 Datasheet
259Kb / 20P
36VIN, 600mA Step-Down Module Converter with 5A Quiescent Current
LTM8052A LINER-LTM8052A Datasheet
297Kb / 6P
36V, 5A, 2-Quadrant CVCC Step-Down 關Module Regulator
logo
Analog Devices
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com